Electronic Components Datasheet Search
  English  ▼

X  

BCY72 Datasheet(PDF) 4 Page - Comset Semiconductor

Part # BCY72
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BCY72 Datasheet(HTML) 4 Page - Comset Semiconductor

  BCY72 Datasheet HTML 1Page - Comset Semiconductor BCY72 Datasheet HTML 2Page - Comset Semiconductor BCY72 Datasheet HTML 3Page - Comset Semiconductor BCY72 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PNP BCY70 – BCY71 – BCY72
16/11/2012
COMSET SEMICONDUCTORS
4/4
ECHANICAL DATA CASE TO-18 (PNP)
Revised Ocobert 2012
         
 
Information furnished is believed to be accurate and reliable. However, Comset Semiconductors assumes no responsibility for the consequences of use of
such information nor for any infringement of patents or other rights of third parties which may results from its use. Data are subject to change without notice.
Comset Semiconductors makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does
Comset Semiconductors assume any liability arising out of the application or use of any product and specifically disclaims any and all liability, including
without limitation consequential or incidental damages. Comset Semiconductors’ products are not authorized for use as critical components in life support
devices or systems.
 
 
www.comsetsemi.com
info@comsetsemi.com
DIMENSIONS (mm)
min
max
A
12.7
-
B
-
0.49
C
0.9
-
D
-
5.3
E
-
4.9
F
-
5.8
G
2.54
-
H
-
1.2
I
-
1.16
L
45°
-
Pin 1 :
emitter
Pin 2 :
base
Pin 3 :
Collector
Case :
Collector



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com