Electronic Components Datasheet Search
  English  ▼

X  

BD135 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BD135
Description  SILICON PLANAR EPITAXIAL POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD135 Datasheet(HTML) 2 Page - Comset Semiconductor

  BD135 Datasheet HTML 1Page - Comset Semiconductor BD135 Datasheet HTML 2Page - Comset Semiconductor BD135 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN BD135 – BD137 – BD139
25/09/2012
COMSET SEMICONDUCTORS
2 | 3
27/08/201225/09/2012
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector cut-off
current
IE=0 , VCB= 30 V
BD135
-
-
0,1
µA
BD137
-
-
0,1
BD139
-
-
0,1
IE=0 ,VCB = 30V
Tj= 125°C
BD135
-
-
10
BD137
-
-
10
BD139
-
-
10
IEBO
Emitter cut-offcurrent
IC=0, VEB=5 V
-
-
10
µA
VCEO(SUS)
Collector-Emitter
sustaning Voltage (1)
IB=0 , IC=30 mA
BD135
45
-
-
V
BD137
60
-
-
BD139
80
-
-
VCE(SAT)
Collector-Emitter
saturation Voltage (1)
IC=0.5 A,IB=50 mA
-
-
0,5
V
hFE
DC Current Gain (1)
VCE=2 V, IC=5 mA
25
-
-
VCE=2 V, IC=150 mA
BDxxx
40
-
250
BDxxx -10
63
-
160
BDxxx -16
100
-
250
VCE=2 V, IC=500 mA
25
-
-
VBE
Base-Emitter
Voltage(1)
VCE=2 V, IC=500 mA
-
-
1
V
fT
Transition frequency
VCE=5 V, IC=50 mA , f= 35 MHz
-
250
-
MHz
1.
Measured under pulse conditions :tP <300µs, δ <2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com