Electronic Components Datasheet Search
  English  ▼

X  

RT9625B Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9625B
Description  Dual-Channel Synchronous Rectified MOSFET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9625B Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9625B Datasheet HTML 1Page - Richtek Technology Corporation RT9625B Datasheet HTML 2Page - Richtek Technology Corporation RT9625B Datasheet HTML 3Page - Richtek Technology Corporation RT9625B Datasheet HTML 4Page - Richtek Technology Corporation RT9625B Datasheet HTML 5Page - Richtek Technology Corporation RT9625B Datasheet HTML 6Page - Richtek Technology Corporation RT9625B Datasheet HTML 7Page - Richtek Technology Corporation RT9625B Datasheet HTML 8Page - Richtek Technology Corporation RT9625B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT9625B
®
DS9625B-02
September 2012
www.richtek.com
1
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Dual-Channel Synchronous Rectified MOSFET Driver
General Description
The RT9625B is a high frequency, synchronous rectified,
two phase MOSFET driver designed for normal MOSFET
driving applications and high performance CPU VR driving
capabilities.
The RT9625B can be supplied from 4.5V to 13.2V. The
applicable power stage VIN range is from 5V to 23V. The
RT9625B also builds in internal power switches to replace
external bootstrap diodes.
The RT9625B can support switching frequency efficiently
up to 500kHz. The RT9625B has the UGATE and LGATE
driving circuits for synchronous rectified DC/DC converter
applications. The shoot through protection mechanism is
designed to prevent shoot through between high side and
low side power MOSFETs. The RT9625B has tri-state
PWM input with shutdown function, which can force driver
to output low UGATE and LGATE signals.
The RT9625 comes in a small footprint with WQFN-16L
4x4 package.
Applications
Core Voltage Supplies for Desktop, Motherboard CPU
High Frequency Low Profile DC/DC Converters
High Current Low Voltage DC/DC Converters
Core Voltage Supplies for GFX Card
Features
Drive Four N-MOSFETs for Two-Phase PWM Control
Shoot Through Protection
Embedded Bootstrap Diode
Support High Switching Frequency
Fast Output Rising Time
Tri-State PWM Input for Output Shutdown
Small 16-Lead WQFN Package
RoHS Compliant and Halogen Free
Simplified Application Circuit
VCC
GND
PHASE1
RT9625B
12V
PHASE2
PWM1
PWM2
PWM1
PWM2
VOUT
L1
VIN
L2
Marking Information
09 : Product Code
YMDNN : Date Code
09 YM
DNN


Similar Part No. - RT9625B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9625B RICHTEK-RT9625B Datasheet
166Kb / 14P
Dual-Channel Synchronous Rectified MOSFET Driver
RT9625BZQW RICHTEK-RT9625BZQW Datasheet
166Kb / 14P
Dual-Channel Synchronous Rectified MOSFET Driver
RT9625B RICHTEK-RT9625B_15 Datasheet
166Kb / 14P
Dual-Channel Synchronous Rectified MOSFET Driver
More results

Similar Description - RT9625B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602 Datasheet
166Kb / 8P
DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
logo
Intersil Corporation
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 22, 2005
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602_07 Datasheet
216Kb / 11P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
RT9625A RICHTEK-RT9625A Datasheet
212Kb / 14P
Dual-Channel Synchronous Rectified MOSFET Driver
RT9625A RICHTEK-RT9625A_15 Datasheet
175Kb / 14P
Dual-Channel Synchronous Rectified MOSFET Driver
RT9625B RICHTEK-RT9625B_15 Datasheet
166Kb / 14P
Dual-Channel Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
HIP6602B RENESAS-HIP6602B Datasheet
608Kb / 12P
Dual Channel Synchronous Rectified Buck MOSFET Driver
HIP6602 RENESAS-HIP6602 Datasheet
516Kb / 9P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
August 2000
HIP6602A RENESAS-HIP6602A Datasheet
602Kb / 10P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com