Electronic Components Datasheet Search
  English  ▼

X  

RT9629B Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9629B
Description  Triple-Channel Synchronous Rectified Buck MOSFET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9629B Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9629B Datasheet HTML 1Page - Richtek Technology Corporation RT9629B Datasheet HTML 2Page - Richtek Technology Corporation RT9629B Datasheet HTML 3Page - Richtek Technology Corporation RT9629B Datasheet HTML 4Page - Richtek Technology Corporation RT9629B Datasheet HTML 5Page - Richtek Technology Corporation RT9629B Datasheet HTML 6Page - Richtek Technology Corporation RT9629B Datasheet HTML 7Page - Richtek Technology Corporation RT9629B Datasheet HTML 8Page - Richtek Technology Corporation RT9629B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT9629B
®
DS9629B-03 October 2012
www.richtek.com
1
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Triple-Channel Synchronous Rectified Buck MOSFET
Driver
General Description
The RT9629B is a high frequency, triple-channel
synchronous rectified buck MOSFET driver specifically
designed to drive six power N-MOSFETs. The part is
promoted to pair with Richtek's multiphase buck PWM
controller family for high-density power supply
implementation. The output drivers of RT9629B can
efficiently switch power MOSFETs at frequency 300kHz
typically. Operating in higher frequency should consider
the thermal dissipation carefully. The device implements
bootstrapping on the upper gate with only an external
capacitor and a diode required. This reduces circuit
complexity and allows the use of higher performance, cost
effective N-MOSFETs. All drivers incorporate adaptive
shoot-through protection to prevent upper and lower
MOSFETs from conducting simultaneously and shorting
the input supply. The RT9629B has also detected the fault
condition during initial start-up before the multi-phase PWM
controller takes control. As a result, the input supply will
latch into the shutdown state. The RT9629B comes in a
small footprint package with WQFN-24L 5x5 package.
Applications
Core Voltage Supplies for Desktop, Motherboard CPU
High Frequency Low Profile DC/DC Converters
High Current Low Voltage DC/DC Converters
Core Voltage Supplies for GFX Card
Features
Drive Six N-MOSFETs for 3-Phase Buck PWM Control
Shoot Through Protection
Embedded Bootstrap Diode
Support High Switching Frequency
Fast Output Rising Time
Tri-State PWM Input for Output Shutdown
Small 24-Lead WQFN Package
RoHS Compliant and Halogen Free
Simplified Application Circuit
Marking Information
RT9629BZQW : Product Number
YMDNN : Date Code
RT9629B
ZQW
YMDNN
VCCx
PHASE1
RT9629B
12V
VOUT
L1
VIN
L2
PHASE2
PWM1
PWM2
PWM1
PWM2
GND
L3
PHASE3
PWM3
PWM3


Similar Part No. - RT9629B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9629B RICHTEK-RT9629B Datasheet
182Kb / 14P
Triple-Channel Synchronous Rectified Buck MOSFET Driver
RT9629BZQW RICHTEK-RT9629BZQW Datasheet
182Kb / 14P
Triple-Channel Synchronous Rectified Buck MOSFET Driver
RT9629B RICHTEK-RT9629B_15 Datasheet
182Kb / 14P
Triple-Channel Synchronous Rectified Buck MOSFET Driver
More results

Similar Description - RT9629B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
logo
Richtek Technology Corp...
RT9605A RICHTEK-RT9605A Datasheet
260Kb / 12P
Triple-Channel Synchronous-Rectified Buck MOSFET Driver
RT9605B RICHTEK-RT9605B Datasheet
269Kb / 13P
Triple-Channel Synchronous-Rectified Buck MOSFET Driver
RT9612A RICHTEK-RT9612A Datasheet
213Kb / 15P
Synchronous-Rectified Buck MOSFET Driver
RT9629A RICHTEK-RT9629A Datasheet
234Kb / 14P
Triple-Channel Synchronous Rectified Buck MOSFET Driver
RT9605B RICHTEK-RT9605B_14 Datasheet
224Kb / 13P
Triple-Channel Synchronous-Rectified Buck MOSFET Driver
RT9628A RICHTEK-RT9628A Datasheet
171Kb / 12P
High Voltage Synchronous Rectified Triple Channel Buck MOSFET Driver
RT9629A RICHTEK-RT9629A_15 Datasheet
191Kb / 14P
Triple-Channel Synchronous Rectified Buck MOSFET Driver
RT9629B RICHTEK-RT9629B_15 Datasheet
182Kb / 14P
Triple-Channel Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
RAA220001 RENESAS-RAA220001 Datasheet
267Kb / 15P
Synchronous Rectified Buck MOSFET Driver
Jul.11.19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com