Electronic Components Datasheet Search
  English  ▼

X  

RT9629B Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9629B
Description  Triple-Channel Synchronous Rectified Buck MOSFET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9629B Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9629B Datasheet HTML 6Page - Richtek Technology Corporation RT9629B Datasheet HTML 7Page - Richtek Technology Corporation RT9629B Datasheet HTML 8Page - Richtek Technology Corporation RT9629B Datasheet HTML 9Page - Richtek Technology Corporation RT9629B Datasheet HTML 10Page - Richtek Technology Corporation RT9629B Datasheet HTML 11Page - Richtek Technology Corporation RT9629B Datasheet HTML 12Page - Richtek Technology Corporation RT9629B Datasheet HTML 13Page - Richtek Technology Corporation RT9629B Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
RT9629B
13
DS9629B-03 October 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Layout Consideration
Figure 6 shows the schematic circuit of a synchronous
buck converter to implement the RT9629B. The converter
operates from 5V to 12V of input Voltage.
For the PCB layout, it should be very careful. The power
circuit section is the most critical one. If not configured
properly, it will generate a large amount of EMI. The location
of QUGx, QLGx, Lx should be very close.
Next, the trace from UGATEx, and LGATEx should also
be short to decrease the noise of the driver output signals.
PHASEx signals from the junction of the power MOSFET,
carrying the large gate drive current pulses, should be as
heavy as the gate drive trace. The bypass capacitor CVCC
should be connected to GND directly. Furthermore, the
bootstrap capacitors (CBOOTx) should always be placed as
close to the pins of the IC as possible.
Figure 6. Synchronous Buck Converter Circuit
Figure 5. Derating Curve of Maximum Power Dissipation
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TA is
the ambient temperature, and
θJAis the junction to ambient
thermal resistance.
For recommended operating condition specifications of
the RT9629B, the maximum junction temperature is 125
°C.
The junction to ambient thermal resistance,
θJA, is layout
dependent. For WQFN-24L 5x5 package, the thermal
resistance,
θJA, is 36°C/W on a standard JEDEC 51-7
four-layer thermal test board. The maximum power
dissipation at TA = 25
°C can be calculated by the following
formula :
PD(MAX) = (125
°C − 25°C) / (36°C/W) = 2.778W for
WQFN-24L 5x5 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. The derating curve in Figure allows the
designer to see the effect of rising ambient temperature
on the maximum power dissipation.
BOOTx
UGATEx
PHASEx
LGATEx
VCCx
GND
CBOOTx
12V
LIN
COUT
VIN
VOUT
CIN2
PHB83N03LT
PHB95N03LT
Lx
QLGx
QUGx
CIN
12V
PWMx
PWMx
CVCC
RVCC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com