Electronic Components Datasheet Search
  English  ▼

X  

BD245C Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BD245C
Description  NPN SINGLE-DIFFUSED MESA SILICON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD245C Datasheet(HTML) 1 Page - Comset Semiconductor

  BD245C Datasheet HTML 1Page - Comset Semiconductor BD245C Datasheet HTML 2Page - Comset Semiconductor BD245C Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BD245 – A – B – C
22/10/2012
COMSET SEMICONDUCTORS
1/3
N
NP
PN
N S
SIIN
NG
GL
LE
E--D
DIIF
FF
FU
US
SE
ED
D M
ME
ES
SA
A S
SIIL
LIIC
CO
ON
N P
PO
OW
WE
ER
R
T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S
They are the power transistors for power amplifier and high-speed-switching applications.
The complementary is BD246, A, B, C
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage (IC = -30mA)
BD245
45
V
BD245A
60
BD245B
80
BD245C
100
VCER
Collector-Emitter Voltage (RBE = 100 Ω)
BD245
55
V
BD245A
70
BD245B
90
BD245C
115
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current
IC
10
A
ICM
15
IB
Base Current
3
A
PT
Power Dissipation
Tmb = 25° C
80
Watts
TJ
Junction Temperature
-65 to +150
°C
TS
Storage Temperature
-65 to +150
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJC
Junction to Case Thermal Resistance
1.56
°C / W
RthJA
Junction to free air Thermal Resistance
42
°C / W


Similar Part No. - BD245C

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD245C POINN-BD245C Datasheet
91Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD245C BOURNS-BD245C Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
BD245C ISC-BD245C Datasheet
149Kb / 3P
isc Silicon NPN Power Transistor
logo
Savantic, Inc.
BD245C SAVANTIC-BD245C Datasheet
144Kb / 3P
Silicon NPN Power Transistors
BD245C SAVANTIC-BD245C Datasheet
146Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BD245C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDY23 ETC-BDY23 Datasheet
168Kb / 4P
NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY26 ETC-BDY26 Datasheet
167Kb / 4P
NPN SILICON TRANSISTORS DIFFUSED MESA
BDY53 ETC-BDY53 Datasheet
149Kb / 3P
NPN SILICON TRANSISTORS DIFFUSED MESA
logo
Comset Semiconductor
BDY23 COMSET-BDY23 Datasheet
250Kb / 4P
NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY26 COMSET-BDY26 Datasheet
264Kb / 4P
NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY53 COMSET-BDY53 Datasheet
147Kb / 3P
NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY55 COMSET-BDY55 Datasheet
134Kb / 3P
NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY57 COMSET-BDY57 Datasheet
209Kb / 3P
NPN SILICON TRANSISTORS, DIFFUSED MESA
180T2 COMSET-180T2_12 Datasheet
79Kb / 3P
NPN SILICON TRANSISTORS, DIFFUSED MESA
183T2 COMSET-183T2_09 Datasheet
78Kb / 3P
NPN SILICON TRANSISTORS, DIFFUSED MESA.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com