Electronic Components Datasheet Search
  English  ▼

X  

BD245C Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BD245C
Description  NPN SINGLE-DIFFUSED MESA SILICON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD245C Datasheet(HTML) 2 Page - Comset Semiconductor

  BD245C Datasheet HTML 1Page - Comset Semiconductor BD245C Datasheet HTML 2Page - Comset Semiconductor BD245C Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BD245 – A – B – C
22/10/2012
COMSET SEMICONDUCTORS
2/3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICES
Collector- Emitter
Cut-off Current
VCE = 55 V , VBE = 0
BD245
-
-
0.4
mA
VCE = 70 V , VBE = 0
BD245A
VCE = 90 V , VBE = 0
BD245B
VCE = 115 V , VBE = 0
BD245C
ICEO
Collector Cut-off
Current
VCE = 30 V , IB = 0
BD245
-
-
0.7
mA
BD245A
VCE = 60 V , IB = 0
BD245B
BD245C
IEBO
Emitter Cut-off Current VE B = 5 V , IC = 0
-
-
1
mA
VCEO
Collector- Emitter
Breakdown Voltage (*)
IC = 30 mA, IB = 0
BD245
45
-
-
V
BD245A
60
-
-
BD245B
80
-
-
BD245C
100
-
-
hFE
DC Current Gain (*)
VCE = 4 V, IC = 1 A
40
-
-
-
VCE = 4 V, I C= 3 A
20
-
-
VCE = 4 V, IC = 10 A
4
-
-
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC = 3 A, IB = 300 mA
-
-
1
V
IC = 10 A, IB = 2.5 A
-
-
4
VBE
Base-Emitter
Voltage(*)
VCE = 4 V, IC = 3 A
-
-
1.6
V
VCE = 4 V, IC = 10 A
-
-
3
hfe
Small Signal forward
Current Transfer ratio
VCE = 10 V, IC = 500 mA
f = 1MHz
20
-
-
-
|hfe|
Small Signal forward
Current Transfer ratio
VCE = 10 V, IC = 500 m
Af = 1MHz
3
-
-
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%
RESISTIVE-LOAD-SWITCHING CHARACTERISTICS AT 25°C CASE TEMPERATURE
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ton
Turn-on Time
IC = 1 A , IB(on) = 100 mA ,
IB(off) = -100 mA
VBE(off) = -3.7 V , RL = 20 Ω
tp = 20 µs
dc
< 2%
-
0.3
-
µs
toff
Turn-off Time
-
1
-



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com