Electronic Components Datasheet Search
  English  ▼

X  

BDV65C Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BDV65C
Description  NNP SILICON DARLINGTONS POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDV65C Datasheet(HTML) 2 Page - Comset Semiconductor

  BDV65C Datasheet HTML 1Page - Comset Semiconductor BDV65C Datasheet HTML 2Page - Comset Semiconductor BDV65C Datasheet HTML 3Page - Comset Semiconductor BDV65C Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BDV65-A-B-C
26/09/2012
COMSET SEMICONDUCTORS
2/4
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
PT
Power Dissipation
Tmb = 25° C
BDV65
125
Watts
BDV65A
BDV65B
BDV65C
Tmb = 25° C
BDV65
3.5
BDV65A
BDV65B
BDV65C
TJ
Junction Temperature
BDV65
150
°C
BDV65A
BDV65B
BDV65C
TS
Storage Temperature
BDV65
-65 to +150
BDV65A
BDV65B
BDV65C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
Rthj-c
Thermal Resistance, Junction to Case
BDV65
1
°C / W
BDV65A
BDV65B
BDV65C
Rthj-a
Thermal Resistance, Junction to Ambient
BDV65
35.7
BDV65A
BDV65B
BDV65C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com