Electronic Components Datasheet Search
  English  ▼

X  

BDV65C Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BDV65C
Description  NNP SILICON DARLINGTONS POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDV65C Datasheet(HTML) 3 Page - Comset Semiconductor

  BDV65C Datasheet HTML 1Page - Comset Semiconductor BDV65C Datasheet HTML 2Page - Comset Semiconductor BDV65C Datasheet HTML 3Page - Comset Semiconductor BDV65C Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BDV65-A-B-C
26/09/2012
COMSET SEMICONDUCTORS
3/4
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Mx
Unit
ICEO
Collector Cutoff
Current
VCE= 30 V, IB= 0
BDV65
-
-
2
mA
VCE= 40 V, IB= 0
BDV65A
VCE= 50 V, IB= 0
BDV65B
VCE= 60 V, IB= 0
BDV65C
IEBO
Emitter Cutoff Current
VBE= 5 V, IC= 0
BDV65
-
-
5
mA
BDV65A
BDV65B
BDV65C
ICBO
Collector Cutoff
Current
IE= 0
Tj=25°C
VCB= 60 V
BDV65
-
-
0.4
mA
VCB= 80 V
BDV65A
VCB= 100 V
BDV65B
VCB= 120 V
BDV65C
IE= 0
Tj=150°C
VCB= 30 V
BDV65
-
-
2
VCB= 40 V
BDV65A
VCB= 50 V
BDV65B
VCB= 60 V
BDV65C
VCEO
Collector-Emitter
Breakdown Voltage (*)
IC= 30 mA, IB = 0
BDV65
60
-
-
V
BDV65A
80
-
BDV65B
100
-
-
BDV65C
120
-
-
hFE
DC Current Gain (*)
VCE= 4 V, IC= 5 A
BDV65
1000
-
-
-
BDV65A
BDV65B
BDV65C
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC= 5 A, IB= 20 mA
BDV65
-
-
2
V
BDV65A
BDV65B
BDV65C
VBE
Base-Emitter
Voltage(*)
VCE= 4 V, IC= 5 A
BDV65
-
-
2,5
V
BDV65A
BDV65B
BDV65C
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 1.5 %



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com