Electronic Components Datasheet Search
  English  ▼

X  

BSV15 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BSV15
Description  MEDIUM POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BSV15 Datasheet(HTML) 1 Page - Comset Semiconductor

  BSV15 Datasheet HTML 1Page - Comset Semiconductor BSV15 Datasheet HTML 2Page - Comset Semiconductor BSV15 Datasheet HTML 3Page - Comset Semiconductor BSV15 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PNP BSV15 – BSV16 – BSV17
09/11/2012
COMSET SEMICONDUCTORS
1 | 4
M
ME
ED
DIIU
UM
M P
PO
OW
WE
ER
R T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S
They are silicon transistors mounted in TO-39 metal package.
They are intended for general industrial applications.
High current and low voltage.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCBO
Collector-Base Voltage
IE = 0
BSV15
-40
V
BSV16
-60
BSV17
-90
VCEO
Collector-Emitter Voltage
IB = 0
BSV15
-40
V
BSV16
-60
BSV17
-90
VEBO
Emitter-Base Voltage
IC = 0
-5
V
IC
Collector Current
-1
A
ICM
Peak Collector Current
-2
A
IBM
Peak Base Current
-0.2
A
Ptot
Total Power
Dissipation
@ Tcase= < 25°
0.8
W
@ Tamb= < 25°
5
@ Tmb= < 50°
5
TJ
Junction Temperature
200
°C
TStg
Storage Temperature Range
-65 to +150
°C
Tamb
Operating Ambient Temperature
-65 to +150
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-c
Thermal Resistance, Junction-case
35
K/ W
RthJ-amb
Thermal Resistance, Junction-ambient in free air
220
K/ W
RthJ-mb
Thermal Resistance, Junction to mounting base
30
K/ W


Similar Part No. - BSV15

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSV15 SIEMENS-BSV15 Datasheet
261Kb / 8P
PNP SILICON PLANAR TRANSISTORS
logo
Central Semiconductor C...
BSV15 CENTRAL-BSV15 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Continental Device Indi...
BSV15 CDIL-BSV15 Datasheet
95Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
New Jersey Semi-Conduct...
BSV15 NJSEMI-BSV15 Datasheet
172Kb / 2P
PNP medium power transistors
logo
NXP Semiconductors
BSV15 PHILIPS-BSV15 Datasheet
58Kb / 8P
PNP medium power transistors
1997 Apr 22
More results

Similar Description - BSV15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC140 PHILIPS-BC140 Datasheet
50Kb / 8P
NPN medium power transistors
1997 May 12
BCP51 PHILIPS-BCP51 Datasheet
44Kb / 8P
PNP medium power transistors
1999 Apr 08
BCP54 PHILIPS-BCP54 Datasheet
43Kb / 8P
NPN medium power transistors
1999 Apr 08
BSR40 PHILIPS-BSR40 Datasheet
41Kb / 8P
NPN medium power transistors
1999 Apr 28
BSX45 PHILIPS-BSX45 Datasheet
53Kb / 8P
NPN medium power transistors
1997 Apr 23
logo
STMicroelectronics
STF817 STMICROELECTRONICS-STF817 Datasheet
57Kb / 5P
PNP MEDIUM POWER TRANSISTORS
Apr-2002
logo
Zetex Semiconductors
ZDT6757 ZETEX-ZDT6757 Datasheet
28Kb / 3P
COMPLEMENTARY MEDIUM POWER TRANSISTORS
logo
STMicroelectronics
STF724 STMICROELECTRONICS-STF724_06 Datasheet
216Kb / 11P
NPN medium power transistors
17-Jul-2006
logo
Guangdong Kexin Industr...
BCX54 KEXIN-BCX54 Datasheet
53Kb / 2P
NPN Medium Power Transistors
BCX51 KEXIN-BCX51 Datasheet
53Kb / 2P
PNP Medium Power Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com