Electronic Components Datasheet Search
  English  ▼

X  

BSV15 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BSV15
Description  MEDIUM POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BSV15 Datasheet(HTML) 3 Page - Comset Semiconductor

  BSV15 Datasheet HTML 1Page - Comset Semiconductor BSV15 Datasheet HTML 2Page - Comset Semiconductor BSV15 Datasheet HTML 3Page - Comset Semiconductor BSV15 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PNP BSV15 – BSV16 – BSV17
12/11/2012
COMSET SEMICONDUCTORS
3/4
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
fT
Transition Frequency
IC= -50 mA, VCE= -10 V
f=100 MHz
50
-
-
MHZ
CC
Collector
Capacitance
IE= ie = 0, VCB= -10V
f = 1 MHZ
BSV15
-
20
30
pF
BSV16
BSV17
-
15
25
CE
Emitter Capacitance
IE= ie = 0, VCB= -10V
f = 1 MHZ
-
180
-
pF
SWITCHING TIME
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
toff
Turn-off times
IC= -100 mA
IBon= -5 mA
IBoff= 5 mA
-
-
650
ns
ton
Turn-on times
-
-
500
ns
(*) Pulsed : pulse duration = 300µs, duty cycle = 1%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com