Electronic Components Datasheet Search
  English  ▼

X  

BSX45 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BSX45
Description  NPN MEDIUM POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BSX45 Datasheet(HTML) 1 Page - Comset Semiconductor

  BSX45 Datasheet HTML 1Page - Comset Semiconductor BSX45 Datasheet HTML 2Page - Comset Semiconductor BSX45 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BSX45-BSX46-BSX47
COMSET SEMICONDUCTORS
1/3
N
NP
PN
N M
ME
ED
DIIU
UM
M P
PO
OW
WE
ER
R T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S
The BSX45-BSX46-BSX47 are NPN transistors mounted in
TO-39 metal package.
They are intended for use in general industrial applications.
High current and low voltage.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
BSX45
BSX46
BSX47
VCEO
Collector-Emitter Voltage
IB =0
40
60
80
V
VCBO
Collector-Base Voltage
IE =0
80
100
120
V
VEBO
Emitter-Base Voltage
IC =0
7
V
IC
Collector Current
1
A
ICM
Collector Peak Current
1.5
A
IBM
Base Peak Current
200
mA
PD
Total Power Dissipation
Tamb = 25°
6.25
W
TJ
Junction Temperature
200
°C
Tamb
Operating ambient temperature
-65 to +150
TStg
Storage Temperature range
-65 to +150
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-a
Thermal Resistance, Junction to ambient
200
°C/W
RthJ-c
Thermal Resistance, Junction to case
28
°C/W
SWITCHING TIMES
Symbol
Ratings
Value
Unit
ton
Turn-on time
ICon = 100mA; IBon = 5 mA
IBoff = -5 mA
200
ns
toff
Turn-off time
850
ns
B
C
E


Similar Part No. - BSX45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSX45 PHILIPS-BSX45 Datasheet
53Kb / 8P
NPN medium power transistors
1997 Apr 23
logo
Siemens Semiconductor G...
BSX45 SIEMENS-BSX45 Datasheet
277Kb / 8P
NPN SILICON PLANAR TRANSISTORS
logo
Central Semiconductor C...
BSX45 CENTRAL-BSX45 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Seme LAB
BSX45 SEME-LAB-BSX45 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
logo
Continental Device Indi...
BSX45 CDIL-BSX45 Datasheet
94Kb / 4P
NPN SILICON PLANAR TRANSISTORS
More results

Similar Description - BSX45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC140 PHILIPS-BC140 Datasheet
50Kb / 8P
NPN medium power transistors
1997 May 12
BCP54 PHILIPS-BCP54 Datasheet
43Kb / 8P
NPN medium power transistors
1999 Apr 08
BSR40 PHILIPS-BSR40 Datasheet
41Kb / 8P
NPN medium power transistors
1999 Apr 28
BSX45 PHILIPS-BSX45 Datasheet
53Kb / 8P
NPN medium power transistors
1997 Apr 23
logo
STMicroelectronics
STF724 STMICROELECTRONICS-STF724_06 Datasheet
216Kb / 11P
NPN medium power transistors
17-Jul-2006
STF724 STMICROELECTRONICS-STF724_08 Datasheet
172Kb / 11P
NPN medium power transistors
04-Apr-2008
logo
Guangdong Kexin Industr...
BCX54 KEXIN-BCX54 Datasheet
53Kb / 2P
NPN Medium Power Transistors
logo
New Jersey Semi-Conduct...
BC140 NJSEMI-BC140 Datasheet
68Kb / 2P
NPN medium power transistors
logo
SHIKUES Electronics
2SD1005 SKTECHNOLGY-2SD1005 Datasheet
669Kb / 2P
NPN Medium Power Transistors
logo
FutureWafer Tech Co.,Lt...
BCX493TA FUTUREWAFER-BCX493TA Datasheet
1Mb / 7P
NPN Medium Power Transistors
14-DEC-2021 V 2.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com