Electronic Components Datasheet Search
  English  ▼

X  

BSX45 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BSX45
Description  NPN MEDIUM POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BSX45 Datasheet(HTML) 2 Page - Comset Semiconductor

  BSX45 Datasheet HTML 1Page - Comset Semiconductor BSX45 Datasheet HTML 2Page - Comset Semiconductor BSX45 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BSX45-BSX46-BSX47
26/09/2012
COMSET SEMICONDUCTORS
2/3
ELECTRICAL CHARACTERISTICS
Tj=25°C unless otherwise specified
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector Cutoff Current
VCB = 60 V, IE =0
BSX45
-
-
30
nA
BSX46
VCB = 80 V, IE =0
BSX47
VCB = 60 V, IE = 0
Tj = 150°C
BSX45
-
-
10
µA
BSX46
VCB = 80 V, IE =0
Tj = 150°C
BSX47
IEBO
Emitter Cutoff Current
VBE = 5.0 V, IC =0
-
-
10
nA
VCE(SAT)
Collector-Emitter
saturation Voltage
IC = 1 A, IB = 100
mA
BSX45
-
-
1
V
BSX46
IC = 500 mA
IB = 25 mA
BSX47
-
-
0.9
VBE
Base-Emitter Voltage
IC = 100 mA, VCE = 1 V
-
-
1
V
IC = 500 mA, VCE = 1 V
0.75
-
1.5
IC = 1 A, VCE = 1 V
-
-
2
hFE
DC Current Gain
IC = 100 µA
VCE = 1 V
BSX45/10
15
40
-
-
BSX46/10
BSX47/10
BSX45/16
25
90
-
BSX46/16
IC = 100 mA
VCE = 1 V
BSX45/10
63
100
160
BSX46/10
BSX47/10
BSX45/16
100
160
250
BSX46/16
BSX47/16
IC = 500 mA
VCE = 1 V
BSX45/10
25
40
-
BSX46/10
BSX47/10
BSX45/16
35
60
-
BSX46/16
IC = 1 A, VCE = 1 V
BSX45/10
-
20
-
BSX46/10
BSX47/10
BSX45/16
-
30
-
BSX46/16
fT
Transition frequency
IC = 50 mA, VCE = 10 V
f = 100MHz
50
-
-
MHz
F
Noise figure
IC = 100 µA, VCE = 5 V, RS=1kΩ
f = 1kHz, B =200Hz
-
3.5
-
db



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com