Electronic Components Datasheet Search
  English  ▼

X  

22017-1 Datasheet(PDF) 55 Page - ITT Industries

Part # 22017-1
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017-1 Datasheet(HTML) 55 Page - ITT Industries

Back Button 22017-1 Datasheet HTML 51Page - ITT Industries 22017-1 Datasheet HTML 52Page - ITT Industries 22017-1 Datasheet HTML 53Page - ITT Industries 22017-1 Datasheet HTML 54Page - ITT Industries 22017-1 Datasheet HTML 55Page - ITT Industries 22017-1 Datasheet HTML 56Page - ITT Industries 22017-1 Datasheet HTML 57Page - ITT Industries 22017-1 Datasheet HTML 58Page - ITT Industries 22017-1 Datasheet HTML 59Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 120 page
background image
The crimp contacts are shipped with the connector,
not installed. Additional contacts may be ordered
using the part numbers listed below. All tools must
2222
Pin
030-1975-007
031-1113-007
030-9081-000
031-9134-001
030-9081-003
031-9134-004
030-9083-001
031-9206-004
030-1909-001
031-1059-001
030-1908-001
031-1154-000
030-2049-000
031-1151-000
030-1975-005
031-1113-008
030-2040-000
031-1046-002
030-1892-002
031-1047-002
030-1893-002
031-9206-021
030-2045-000
031-1059-002
030-1908-001
031-1154-000
030-2049-000
031-1151-000
Socket
22,24,26
M22520/2-01
M22520/2-23
CIT-DPXMA-22
M81969/1-01
A106
10,
A32W2,
40,
A40W1,
45,57
10W3
A32W4,
67
D8,
A10,
26,
A32W4,
67
D8
10
A10
A106
10,
25W2,
32W2
40,
40W1,
45,57
10W3
32W4,
67
D8,
A10,
B16W3,
26,
32W4,
67
8,
D8
10
A10
CIET-20
(274-7001-000)
CIET-20
M81969/1-02
(980-0004-805)
CIET-16
(274-7002-000)
CIET-12
(274-7003-000)
CET-8-2
(323-7004-000)
CET-4-8
(323-7008-000)
M22520/2-02
Std. Locator
Std. Locator
M22520/2-08
Standard
M22520/1-02
Std. Locator
M22520/1-11
CCH8-1 Head
CCHP-8-6
CCH4-1 Head
CCHP-4-8
M22520/2-01
M22520/2-01
M22520/1-01
M22520/1-01
MS-3191-1
MS-3191-1
MS-3191-1
CBT-600*
CBT600B*
CBT-600*
CBT600B*
MS-3191-3
20,22,24
20,22,24
16,18,20
12,14
8
6
Pin
Socket
Pin
Socket
Pin
Socket
Pin
Pin
Pin
Socket
* Requires air line pressure of 80 to 100 psi.
These DPXME contacts are being superseded in favor of military DPXNE/NA contacts, this applies to all existing DPXME connector assemblies, except for size 20 contacts.
Socket
Socket
2020
2020HD
1616
1212
0808
0406
4
.310 (7.87)
.250 (6.35)
.135 (3.43)
.103 (2.62)
.071 (1.80)
.054 (1.37)
6
8
12
14
16
18
20
20
22
24
22
24
26
60
46
23
17
13
-
7.5
7.5
-
3
5
-
2
60
46
23
17
13
-
-
7.5
-
3.0
5.0
-
2.0
33
39
63
60
68
-
75
83
-
68
110
-
80
8
12
16
20
22
Crimp Contacts
Part Number
Contact
Size
Contact
Size
Wire
Size
Insulation (0.D.)
Limits Inch (mm)
Max.
Test Current
per MIL-C-39029
Table VI
Max. Current for
Tests (Amps)
(Mil-C-39029)
DPX MA
Commercial
DPX ME
Commercial
Crimp
Tool
Part
Number
Locator
Part
Number
Insertion/
Extraction
Tool
(Part No.)
Layout Usage
DPX
ME
DPX
MA
Wire
Accom.
Type
be purchased separately. The insertion/extraction
tools listed are plastic type. Consult factory for
more durable metal tools.
Max. Potential Drop
(Millivolts)
at 25 C
per MIL-C-39029
1
M22520/2-01
ARINC 404
DPX*MA/ME
Contact and Termination Tooling Data - Commercial
55
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Electrical Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com