Electronic Components Datasheet Search
  English  ▼

X  

22017-1 Datasheet(PDF) 86 Page - ITT Industries

Part # 22017-1
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017-1 Datasheet(HTML) 86 Page - ITT Industries

Back Button 22017-1 Datasheet HTML 82Page - ITT Industries 22017-1 Datasheet HTML 83Page - ITT Industries 22017-1 Datasheet HTML 84Page - ITT Industries 22017-1 Datasheet HTML 85Page - ITT Industries 22017-1 Datasheet HTML 86Page - ITT Industries 22017-1 Datasheet HTML 87Page - ITT Industries 22017-1 Datasheet HTML 88Page - ITT Industries 22017-1 Datasheet HTML 89Page - ITT Industries 22017-1 Datasheet HTML 90Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 120 page
background image
MIL-C-83733
DPK
86
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Mounting Styles/Applications
DPK connectors for rectangular or staggered
mounting are available in both two- and four-spring
mount assemblies, or the same shelf style may be o
rdered to accommodate bushing assemblies. In the
spring mount version the spring-loaded mechanism
will compensate for a panel space variation of up to
.070(1.78) while insuring electrical and environ-
mental integrity.
Style A
Mounting style A is designed for cord-to-panel and c
ord-to-cord applications. Connectors are supplied
with two polarizing posts installed and provisions
for installation of two jackscrew assemblies or two
coupling nut assemblies. (Replaces Mounting Style
B.)
Plug
Socket Contacts
Receptacle
Pin Contacts
Plug
Socket Contacts
Receptacle
Pin Contacts
Plug
Socket Contacts
Plug
Socket Contacts
Receptacle
Pin Contacts
Receptacle
Pin Contacts
Receptacle
Pin Contacts
Ordered Separately
Ordered Separately
Supplied with Connector
Supplied with Connector
M83733/5
M83733/6
M83733/1
M83733-10
M83733/4
M83733-12
Jackscrew Assembly
305-0007-000
Coupling Nut Assembly
335-0002-000
Bushing MS247000-2
(Self-Locking)
012-0515-000
Spring Mount Assembly
MIL-C-83733/17
231-00019-000
Bushing MS24700-2
(Self-Locking)
012-0515-000
Spring Mount Assembly
MIL-C-83733/17
231-0019-000
Bushing MS247000-2
(Self-Locking)
012-0515-000
Spring Mount Assembly
MIL-C-83733/17
231-0019-000
Stylle C
Mounting style C is designed for cord-to-panel or
rack-to-panel applications. Connectors are supplied
with (4) MS24700-2 bushings on the receptacle
and 4 spring mount assemblies on the plug.
Style F
Mounting Style F is designed for rack-to-panel
pplications. Connectors are supplied with four
captive clinch nuts installed.
Style G
Mounting style G is designed for rack-to-panel
applications. Connectors are supplied with four
.281(7.14) diameter holes which will accommodate
either four MS24700-2 bushings or four 231-0019-
000 spring mounts,
Style H
Mounting style H is designed for rack-to-panel
applications. Connectors are supplied with two
.281(7.14) diameter holes which are staggered.
Two spring mounts are on the plug end two
MS24700-2 bushings are on the receptacle.
Style K
Mounting style K is designed for rack-to-panel a
pplications. Connectors are supplied with four c
aptivated, non-rotating spring mounts on the plug.
DPK connectors are also available with polarizing
posts, accommodations for jackscrews, and cou-
pling nuts for cord-to-card and cord-to-panel appli-
cations. Another shelf style has two or four mount-
ing holes fitted with captive clinch nuts.
For mounting dimensions of the various mounting
styles shown here please refer to page 91.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com