Electronic Components Datasheet Search
  English  ▼

X  

BT138 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BT138
Description  TRIACS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BT138 Datasheet(HTML) 1 Page - Comset Semiconductor

  BT138 Datasheet HTML 1Page - Comset Semiconductor BT138 Datasheet HTML 2Page - Comset Semiconductor BT138 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BT138 Series
26/09/2012
COMSET SEMICONDUCTORS
1 | 3
SEMICONDUCTORS
TRIACS
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
BT138-500 BT138-600 BT138-800
VDRM
Repetitive peak off-state
voltage
500
600
800
V
VRRM
Repetitive peak reverse
voltage
500
600
800
IT(RMS)
RMS on-state current
12
A
ITSM
Non-repetitive peak on-state
current
95
A
PGM
Peak gate power
5
W
PG(AV)
Average gate power
0.5
W
Tstg
Storage temperature range
-45 to +150
°C
Tj
Operating junction
temperature
110
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
R∂j-mb
Thermal resistance junction to mounting base
≤ 1.5
°C/W
R∂JA
Thermal resistance junction to ambient
≤ 60
FEATURE
Glass passivated triacs in a plastic TO220 package.
They are intended for use in applications requiring high
bidirectional transient and blocking voltage capability and
high thermal cycling performance.
Typical applications include motor control, industrial and
domestic lighting, heating and static switching.
Compliance to RoHS.


Similar Part No. - BT138

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT138 PHILIPS-BT138 Datasheet
48Kb / 6P
Triacs
September 1997 Rev 1.200
BT138 PHILIPS-BT138 Datasheet
47Kb / 6P
Triacs sensitive gate
September 1997 Rev 1.200
logo
Unisonic Technologies
BT138 UTC-BT138 Datasheet
182Kb / 5P
TRIACS LOGIC LEVEL
logo
NXP Semiconductors
BT138 NXP-BT138 Datasheet
89Kb / 12P
12 A four-quadrant triacs, sensitive gate
Rev. 02-12 March 2008
logo
Inchange Semiconductor ...
BT138 ISC-BT138 Datasheet
225Kb / 1P
isc Triacs
More results

Similar Description - BT138

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
Triacs
October 1997 Rev 1.200
BT137X PHILIPS-BT137X Datasheet
53Kb / 7P
Triacs
September 1997 Rev 1.200
BT138B PHILIPS-BT138B Datasheet
52Kb / 6P
Triacs
October 1997 Rev 1.200
BTA140 PHILIPS-BTA140 Datasheet
47Kb / 6P
Triacs
September 1997 Rev 1.200
logo
STMicroelectronics
BTB15B STMICROELECTRONICS-BTB15B Datasheet
177Kb / 4P
TRIACS
Feb-1989
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
TRIACS
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
Triacs Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com