Electronic Components Datasheet Search
  English  ▼

X  

DPKA-18PC-7 Datasheet(PDF) 62 Page - ITT Industries

Part # DPKA-18PC-7
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DPKA-18PC-7 Datasheet(HTML) 62 Page - ITT Industries

Back Button DPKA-18PC-7 Datasheet HTML 58Page - ITT Industries DPKA-18PC-7 Datasheet HTML 59Page - ITT Industries DPKA-18PC-7 Datasheet HTML 60Page - ITT Industries DPKA-18PC-7 Datasheet HTML 61Page - ITT Industries DPKA-18PC-7 Datasheet HTML 62Page - ITT Industries DPKA-18PC-7 Datasheet HTML 63Page - ITT Industries DPKA-18PC-7 Datasheet HTML 64Page - ITT Industries DPKA-18PC-7 Datasheet HTML 65Page - ITT Industries DPKA-18PC-7 Datasheet HTML 66Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 120 page
background image
ARINC 404
DPX*ME Crimp
DPX*MA/ME Coaxial Contact Data (for environmental requirements)
62
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Components/Accessories
RING TYPE RETENTION (A32W2 & A40W1 CONTACT ARRANGEMENTS)
Coaxial Contact Assembly Recommendations
(For Codes A, B, C, D, E, J, K, L and P)
Part Number*
Without Seal (MA)
Sealed (ME)
Seal 1
Seal 2
Ins. Dia.
Size/Max.
'A' Trim
Dim.
Crimp
Tool
Cable Trim
Dimensions
WITHOUT SEAL
SEALED
Cable Accommodation
NOTE:
32W2 (MA Version)
A32W2 (ME Version)
1
2
3
4
5
6
1
2
3
4
5
6
7
7
8
9
10
11
12
8
9
10
11
12
13
13
14
15
16
14
15
16
17
18
17
18
19
20
19
20
21
22
21
22
23
23
24
24
25
26
27
28
29
25
26
27
28
29
30
30
31
32
33
34
35
36
37
38
39
A1
A1
A2
40W1 (MA Version)
A40W1 (ME Version)
.420 (10.67)
.400 (10.16)
A
(For Codes A, B, C, D, E, J, K, L and P)
SOCKET
PIN
SOCKET
PIN
BUSHING
BUSHING
SEAL
SEAL 2
SEAL 1
.330 (8.38)
.310 (7.86)
P-249-1397-001
S-249-1398-003
P-249-1399-001
S-249-1400-003
P-249-1401-001
S-249-1402-003
P-249-1403-001
S-249-1404-003
P-249-1405-001
S-249-1406-003
*P for pin, S for socket
†Unsealed accomodates both Seal 1 & Seal 2 Cables.
††For use with connectors supplied less grommet ( Code 29**, etc.)
1. Center contact, rear insulator, crimp ring, support bushing and seal sleeve are packaged separately and
shipped with the coaxial assembly.
2. Use impact extraction tool no. CET-C4 (038869-0004). An insertion tool is not required. (See Item 4).
3. Cable Assembly Instructions
4. To extract coaxial, push back seal sleeve and support bushing. Then push out coaxial from engaging end
with CET-C4 (038869-0004) impact tool.
5. When crimping with CA58073 crimp tool, care should be taken to avoid flaring the front end of the
crimp ring. Place Crimp jaw so that the second tooth of the indentors is over the end of the crimp ring.
6. To facilitate extraction of contacts and avoid splaying the length of free cable adjacent to the rear
surface of the connector should not be less then 2.000 (50.80).
Step 1- If applicable, determine which portion of seal sleeve should be used. If seal 2 is used, cut off
seal 1 portion
Step 2 - In sequence, place seal sleeve, support bushing and crimp ring over cable jacket.
Step 3 - Trim cable per illustration.
Step 4 - Place rear insulator over dielectric.
Step 5 - Solder innerconductor to center contact.
Step 6 - Insert soldered cable firmly into coaxial with shielding over coaxial shell.
Step 7 - Pull crimp ring forward until stopped and crimped.
Step 8 - Insert coaxial assembly into connector until engaged. Push support bushing into grommet
until shoulder rest on tublular extension. Then pull seal sleeve forward until it is snug
against grommet.
P-249-1397-002
S-249-1398-002
P-249-1399-002
S-249-1400-002
P-249-1401-002
S-249-1402-002
P-249-1403-002
S-249-1404-002
P-249-1405-002
S-249-1406-002
X
RG58B
RG195
RG179B
RG179B, RG196
RG59B, RG62A
X
RG180B
RG174, RG179B,
RG316
X
.249 (6.32)
.200 (5.08)
.158 (4.01)]
.113 (2.87)
.083 (2.11)
.435 (11.05)
.415 (10.54)
.460 (11.68)
.440 (11.18)
.460 (11.68)
.440 (11.18)
.460 (11.68)
.440 (11.18)
.480 (12.19)
.460 (11.68)
CA58073
CA58073
CA58073
CCT-406M
CCT-406M
The A32W2 & A40W1 (Ring Type Retention); AW8 & A32W4 (LITTLE CAESAR Renention) Coaxial Contact arrangements have been
redesigned to provide ease of insertion/removal of the coaxial contacts. Sealing is accomplished with the addiction of sealing sleeves
provided with the coaxial contact assembly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com