| Electronic Components Datasheet Search |
|
DPKA-18PC-7 Datasheet(PDF) 67 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DPKA-18PC-7 Datasheet(HTML) 67 Page - ITT Industries |
|
67 / 120 page ![]() Modfication ALTERNATE STYLE ALTERNATE STYLE ALTERNATE STYLE MODIFICATION 04 MODIFICATION 08 MODIFICATION 12 MODIFICATION 13 MODIFICATION 17 MODIFICATION 18 Applicable Series Definition MOUNTING HOLES .120 (3.05) DIA. C'SUNK 100 TO .230 (5.84) DIA. MOUNTING HOLES .137 (3.48) DIA. C'SUNK 82 TO .230 (5.84) DIA. #4-40 THREAD MOUNTING SLOTS (4) .208 (5.28) MOUNTING SLOTS (4) .237 (6.02) (SEE PAGE 62 FOR JUNCTION SHELL CONFIGURATIONS #4-40 CLINCH NUTS #4-40 CLINCH NUTS #4-40 THREAD #4-40 THREAD ATTACHING TABS (2 PER RETAINING PLATE) ATTACHING TABS (2 PER RETAINING PLATE) Applicable for all MA, ME, NA & NE Series Connectors. - 04** DPX2-33B DPXB-33 DPX3-33 DPX4-33 DPX2-33 and 34 DPX2-33F and 34F DPX2-34B DPXB-34 DPX2-34B DPXB-34 DPX2-33B DPXB-33 DPX2-34B DPXB-34 DPX3-33 DPX3-34 DPX2-33B DPXB-33 DPX2-34B DPXB-34 DPX3-34 DPX4-34 DPX2-33B DPXB-33 DPX2-34B DPXB-34 DPX3-34 .120 (3.05) dia. mounting notes countersunk 100˚ to .230 (5.84) dia. and tabs for attaching junction shells. Mounting holes .137 (3.48) dia. countersunk 82˚ to .230 (5.84) dia. With mounting slots .208 (5.28) wide. With mounting slots .237 (6.02) wide. With straight junction shelf. (Not available on DPX4) With four #4-40 clinch nuts in mounting holes and tabs for attaching junction shells. With six #4-40 clinch nuts in mounting holes and tabs far attaching junction shells. With ten #4-40 clinch nuts in mounting holes and tabs for attaching junction shells, With six #4-40 clinch nuts in mounting holes and tabs for attaching junction shells. - 08 - 12 - 13 - 14 - 17 - 17 - 17 - 18 ATTACHING TABS (2 PER RETAINING PLATE) 1 1 1 1 1 1 1 ARINC 404 DPX Modifications Codes 67 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |