Electronic Components Datasheet Search
  English  ▼

X  

2CL69 Datasheet(PDF) 5 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL69
Description  5mA 4kV HIGH VOLTAGE DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL69 Datasheet(HTML) 5 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL69 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL69 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL69 Datasheet HTML 3Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL69 Datasheet HTML 4Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL69 Datasheet HTML 5Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
HVCA
R
O
高压二极管 High-Voltage Rectifier Diodes
Http://www.getedz.com E-mail:sales@getedz.com
GETE ELECTRONICS CO.,LTD
广州市格特电子有限公司
TEL:0086-20-81849628   FAX:0086-20-81849638
ADD:广东省广州市越秀区惠福西路171号二楼212室   Room212,No171,HuiFuXi Road Guangzhou City China
 
特征 Features
·超小型
Supersmall size
·高可靠性
High reliability
·高速开关
High speed switching
用途
Purpose
·其它高压电源整流用
Others
·空气净化器用
Air Clean Car
s
t
c
u
d
o
r
p
g
n
i
d
n
o
p
s
e
r
r
o
c
S
H
o
R
H
o
R
·
反向电压
Reverse Voltage
5
350mA Up 系列
 
Series
Repetitive Peak
Avg. Forward
Max. Forward
Max. Reverse
Max. Surge
Reverse Voltage
Current Max.
Voltage Drop
Current
Current
Max. Reverse
Case
Type
VRRM
IFAVM@55°C
VF@10ma
IR@VRRM@25°C
IFSM(8.3 ms)
Recovery Time
Length
Number
kV (Volts)
mA (milliAmps)
V (Volts)
µA (microAmps)
A (Amps)
Trr (nsec)
(mm)
型号     反向峰值电压   正向平均电流  正向峰值电压   反向直流电流  正向浪涌电流  恢复时间    外形尺寸
350mA Up Series
2
The negative ion generator
负离子发生器
静电喷涂设备
Electrostatic spraying equipment
Power supply of medical equipment
医疗设备电源
激光器,电压倍增电路
Laser, voltage multiplier circuit
微波发射电源 Microwave power
微波炉专用
For microwave oven
0.87 Min
(22)
0.87 Min
(22)
0.87 Min
(22)
Inches
(mm)
0.047
(1.2)
0.28±.02
(7±0.5)
0.28±.02
(7±0.5)
FIGURE
2
5.0kV-20kV
UX-FOB
08
500
12
0.5
20
40
Fig2
高周波用
High frequency
19.0
0.81 x 6.35 Tab
Terminals Typ.
6.35
19.0
50.8
76.2
12.7
3.95
9.4 Typ.
FIGURE
3
HVM5
05
450
8.0
10
30
--
Fig2
HVM8
08
450
10
10
30
--
Fig2
HVM10
10
450
12
10
30
--
Fig2
HVM12
12
450
12
10
30
--
Fig2
HVM14
14
450
14
10
30
--
Fig2
HVM16
16
450
14
10
30
--
Fig2
HC5
05
1000
4.5
0.5
50
--
Fig3
HC8
08
1000
7.2
0.5
50
--
Fig3
HC10
10
1000
9.0
0.5
50
--
Fig3
HC12
12
800
10.5
0.5
50
--
Fig3
HC15
15
700
14.0
0.5
50
--
Fig3
HC20
20
600
18.0
0.5
50
--
Fig3
HVP-5
05
750
6.0
5.0
50
--
Fig3
HVP-8
08
750
9.0
5.0
50
--
Fig3
HVP-10
10
750
12.0
5.0
50
--
Fig3
HVP-12
12
750
14.0
5.0
50
--
Fig3
HVP-16
16
750
18.0
5.0
50
--
Fig3
HVP-15
15
750
17.0
5.0
50
--
Fig3
HVP-14
14
750
16.0
5.0
50
--
Fig3
HVP-20
20
750
22.0
5.0
50
--
Fig3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com