Electronic Components Datasheet Search
  English  ▼

X  

2CL69 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL69
Description  5mA 4kV HIGH VOLTAGE DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL69 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL69 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL69 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL69 Datasheet HTML 3Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL69 Datasheet HTML 4Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL69 Datasheet HTML 5Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2CL69
4.0
5.0
18
2.0
0.5
100
2.5 6.5
HVCA
R
O
Do Series
Lead Diameter 0.6mm
L
D
FIGURE
1
25mm
高压二极管 High-Voltage Rectifier Diodes
Http://www.getedz.com E-mail:sales@getedz.com
GETE ELECTRONICS CO.,LTD
广州市格特电子有限公司
TEL:0086-20-81849628   FAX:0086-20-81849638
ADD:广东省广州市越秀区惠福西路171号二楼212室   Room212,No171,HuiFuXi Road Guangzhou City China
 
特征
Features
·超小型
Supersmall size
·高可靠性
High reliability
·高速开关
High speed switching
用途
Purpose
·彩色电视机高压主电源整流用
Rectification for high voltage power supply of color T.V.
·CRT显示器高压电源整流用
Rectification for high voltage power supply of CRT display
·其它高压电源整流用
Others
·空气净化器用
Air Clean Car
s
t
c
u
d
o
r
p
g
n
i
d
n
o
p
s
e
r
r
o
c
S
H
o
R
S
H
o
R
·
反向电压
Reverse Voltage
4.0kV-30kV
1
5.0mA 系列
 
Series
Repetitive Peak
Avg. Forward
Max. Forward
Max. Reverse
Max. Surge
Reverse Voltage
Current Max.
Voltage Drop
Current
Current
Max. Reverse
Case
Type
VRRM
IFAVM@55°C
VF@10ma
IR@VRRM@25°C
IFSM(8.3 ms)
Recovery Time
Length
Number
kV (Volts)
mA (milliAmps)
V (Volts)
µA (microAmps)
A (Amps)
Trr (nsec)
(mm)
型号     反向峰值电压   正向平均电流  正向峰值电压   反向直流电流  正向浪涌电流  恢复时间    外形尺寸
2CL • • Series
Fig1
D
L
2CL70
6.0
5.0
20
2.0
0.5
100
2.5 6.5
2CL71
8.0
5.0
25
2.0
0.5
100
2.5 6.5
2CL72
10.0
5.0
30
2.0
0.5
100
3.0 10
2CL73
12.0
5.0
35
2.0
0.5
100
3.0 10
2CL74
14.0
5.0
40
2.0
0.5
100
3.0 10
2CL75
16.0
5.0
43
2.0
0.5
100
3.0 12
2CL76
18.0
5.0
45
2.0
0.5
100
3.0 12
2CL77
20.0
5.0
45
2.0
0.5
100
3.0 12
2CL79
25.0
5.0
50
2.0
0.5
100
3.0 12
2CL82
30.0
5.0
55
2.0
0.5
100
3.0 12
3x12
3x10
3x8
2.5x6.5
2x4.8
JB • • Series
Fig1
D
L
JB04
4.0
5.0
18
2.0
0.5
100
2.0 4.8
JB08
8.0
5.0
25
2.0
0.5
100
2.0 4.8
ESJA • • Series
Fig1
D
L
ESJA54-04A
4.0
5.0
20
2.0
0.5
80
3.0 8.0
ESJA54-06A
6.0
5.0
25
2.0
0.5
80
3.0 8.0
ESJA54-08A
8.0
5.0
30
2.0
0.5
80
3.0 8.0
ESJA52-10A
10.0
5.0
30
2.0
0.5
80
3.0 10
ESJA52-12A
12.0
5.0
35
2.0
0.5
80
3.0 10
ESJA52-14A
14.0
5.0
40
2.0
0.5
80
3.0 10
ESJA53-16A
16.0
5.0
55
2.0
0.5
80
3.0 12
ESJA53-18A
18.0
5.0
60
2.0
0.5
80
3.0 12
ESJA53-20A
20.0
5.0
65
2.0
0.5
80
3.0 12
ESJA58-04A
4.0
5.0
20
2.0
0.5
80
2.5 6.5
ESJA58-06A
6.0
5.0
25
2.0
0.5
80
2.5 6.5
ESJA58-08A
8.0
5.0
30
2.0
0.5
80
2.5 6.5
ESJA08-08
8.0
5.0
28
2.0
0.5
50
2.5 6.5
The negative ion generator
负离子发生器
静电喷涂设备
Electrostatic spraying equipment


Similar Part No. - 2CL69

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
2CL69 EDI-2CL69 Datasheet
56Kb / 1P
HIGH VOLTAGE, LOW CURRENT SILICON RECTIFIER DIODES
logo
Anshan Suly Electronics
2CL69 ANSHAN-2CL69 Datasheet
350Kb / 2P
High voltage rectifier diodes 2CL69 adopts high reliable mesa structure and diffusion craftwork epoxy resin molded in a compact sturcture , .
logo
Shenzhen Luguang Electr...
2CL69A LUGUANG-2CL69A Datasheet
202Kb / 2P
楹삣닓遙섇럨雅뚧엨嶸↓뇞?③쳵??씈?㎫쉪?곈씊瀯볠엫?딀돥?e램?븝펽??갊?묋꼥?잏㈉?뚧낏?먨칳??쉪弱곮즳鸚뽩숱?
logo
GETAI ELECTRONICS DEVIC...
2CL69A GETEDZ-2CL69A Datasheet
68Kb / 1P
High speed switching
logo
SUNMATE electronic Co.,...
2CL69A SUNMATE-2CL69A Datasheet
206Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
More results

Similar Description - 2CL69

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
JB04 GETEDZ-JB04 Datasheet
68Kb / 1P
4.0kV 5mA HIGH VOLTAGE DIODES
JB08 GETEDZ-JB08 Datasheet
68Kb / 1P
8.0kV 5mA HIGH VOLTAGE DIODES
ESJA58-04A GETEDZ-ESJA58-04A Datasheet
68Kb / 1P
4.0kV 5mA HIGH VOLTAGE DIODES
SHV-14 GETEDZ-SHV-14 Datasheet
68Kb / 1P
14kV 5mA HIGH VOLTAGE DIODES
SHV-20 GETEDZ-SHV-20 Datasheet
68Kb / 1P
20kV 5mA HIGH VOLTAGE DIODES
SHV-24 GETEDZ-SHV-24 Datasheet
68Kb / 1P
24kV 5mA HIGH VOLTAGE DIODES
ESJA08-12 GETEDZ-ESJA08-12 Datasheet
63Kb / 1P
12kV 5mA HIGH VOLTAGE DIODES
JB04 GETEDZ-JB04_16 Datasheet
71Kb / 1P
4.0kV 5mA HIGH VOLTAGE DIODES
2CL69 GETEDZ-2CL69_16 Datasheet
68Kb / 1P
5mA 4kV HIGH VOLTAGE DIODES
2CL70A GETEDZ-2CL70A Datasheet
71Kb / 1P
5mA 6kV HIGH VOLTAGE DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com