Electronic Components Datasheet Search
  English  ▼

X  

BUV26 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BUV26
Description  SILICON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BUV26 Datasheet(HTML) 1 Page - Comset Semiconductor

  BUV26 Datasheet HTML 1Page - Comset Semiconductor BUV26 Datasheet HTML 2Page - Comset Semiconductor BUV26 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BUV26 – BUV26A
29/09/2012
COMSET SEMICONDUCTORS
1 | 3
SEMICONDUCTORS
High-speed,NPN power transistors in a TO-220 envelope. They are intended for fast
switching applications such as high frequency and efficiency converters, switching regulators
and motor control.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
BUV26
BUV26A
VCBO
Collector-Base Voltage
IE = 0
180
200
V
VCEO
Collector-Emitter Voltage
IB = 0
90
100
V
VEBO
Emitter-Base Voltage
IC = 0
7
5
V
IC
Collector Current
14
A
ICM
Collector Peak Current
tp = 10ms
25
A
IB
Base Current
4
A
IBM
Base Current
tp = 10ms
6
A
Pt
Power Dissipation
85
65
W
Tj
Junction Temperature
150
°C
Tstg
Storage Temperature range
-65 to 150
Limiting values in accordance with the Absolute Maximum System (IEC 134)
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-mb
From junction to mounting base
BUV26
1.76
°C/W
BUV26A
SILICON POWER TRANSISTORS


Similar Part No. - BUV26

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUV26 STMICROELECTRONICS-BUV26 Datasheet
62Kb / 4P
MEDIUM POWER NPN SILICON TRANSISTOR
Jun-1997
BUV26 STMICROELECTRONICS-BUV26 Datasheet
57Kb / 4P
MEDIUM POWER NPN SILICON TRANSISTOR
Feb-2003
logo
ON Semiconductor
BUV26 ONSEMI-BUV26 Datasheet
46Kb / 3P
Switchmode Series NPN Silicon Power Transistor
August, 2005 ??Rev. 1
logo
Savantic, Inc.
BUV26 SAVANTIC-BUV26 Datasheet
92Kb / 3P
Silicon NPN Power Transistors
logo
ON Semiconductor
BUV26 ONSEMI-BUV26 Datasheet
87Kb / 3P
Switchmode Series NPN Silicon Power Transistor
July, 2011 ??Rev. 2
More results

Similar Description - BUV26

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
Silicon Power Transistors
logo
ON Semiconductor
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Quanzhou Jinmei Electro...
2SC3979 JMNIC-2SC3979 Datasheet
152Kb / 3P
Silicon Power Transistors
2SC4941 JMNIC-2SC4941 Datasheet
86Kb / 3P
Silicon Power Transistors
logo
ON Semiconductor
MJ21193 ONSEMI-MJ21193_09 Datasheet
163Kb / 6P
Silicon Power Transistors
April, 2009 ??Rev. 5
MJW21193 ONSEMI-MJW21193_10 Datasheet
151Kb / 7P
Silicon Power Transistors
March, 2010 ??Rev. 4
logo
Comset Semiconductor
BD743 COMSET-BD743 Datasheet
108Kb / 4P
SILICON POWER TRANSISTORS
MJE13007 COMSET-MJE13007 Datasheet
101Kb / 3P
SILICON POWER TRANSISTORS
TIP35 COMSET-TIP35 Datasheet
81Kb / 4P
SILICON POWER TRANSISTORS
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com