Electronic Components Datasheet Search
  English  ▼

X  

BUV26 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BUV26
Description  SILICON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BUV26 Datasheet(HTML) 2 Page - Comset Semiconductor

  BUV26 Datasheet HTML 1Page - Comset Semiconductor BUV26 Datasheet HTML 2Page - Comset Semiconductor BUV26 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BUV26 – BUV26A
29/09/2012
COMSET SEMICONDUCTORS
2 | 3
SEMICONDUCTORS
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Value
Unit
Min
Typ
Max
ICEX
Collector Cutoff
Current (*)
VCE =VCESMax
VBE= 1.5V, TJ= 125°C
BUV26
-
-
1
mA
BUV26A
IEBO
Emitter Cutoff
Current
VEB= 5 V, IC= 0
BUV26
-
-
1
mA
BUV26A
VCE0sust
Collector-Emitter
Sustaining Voltage
IB= 0 , IC= 0.2 A
L = 25 mH
BUV26
90
-
-
V
BUV26A
100
-
-
VCE(SAT)
Collector-Emitter
saturation Voltage
IC= 6 A, IB= 600 mA
BUV26
-
-
0.6
V
IC= 5 A, IB= 500 mA
BUV26A
-
-
0.5
IC=12 A, IB= 1.2 A
BUV26
-
-
1.5
IC=10 A, IB= 1 A
BUV26A
-
-
1
VBE(SAT)
Base-Emitter
Saturation Voltage
IC= 6 A, IB= 600 mA
BUV26
-
-
1.2
V
IC= 5 A, IB= 500 mA
BUV26A
-
-
1.2
IC=12 A, IB= 1.2 A
BUV26
-
-
2
IC=10 A, IB= 1 A
BUV26A
-
-
1.5
SWITCHING TIMES
Symbol
Ratings
Test Condition(s)
Value
Unit
Min
Typ
Max
ton
turn-on time
For BUV26
IC= 12 A , VCC= 50 V
IB1 = 1.2 A , IB2 = 2 A
For BUV26A
IC= 10 A , VCC= 50 V
IB1 = 1 A , IB2 = 2 A
BUV26
-
0.4
0.8
µs
BUV26A
toff
turn-off time
BUV26
-
0.5
1.2
BUV26A
tf
Fall time
BUV26
-
0.12
0.4
BUV26A
(*) Mesured with a half-sinewave voltage (curve tracer).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com