Electronic Components Datasheet Search
  English  ▼

X  

BUW48 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BUW48
Description  HIGH CURRENT SWITCHING TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BUW48 Datasheet(HTML) 1 Page - Comset Semiconductor

  BUW48 Datasheet HTML 1Page - Comset Semiconductor BUW48 Datasheet HTML 2Page - Comset Semiconductor BUW48 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN BUW48
COMSET SEMICONDUCTORS
1/3
The BUW48 is silicon NPN power transistor in TO3PN package.
They are intended for use in switching regulators, motor controls, high frequency and efficiency
converters.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage
IB = 0
60
V
VCBO
Collector-Base Voltage
IE = 0
120
V
VEBO
Emitter-Base Voltage
IC = 0
7
V
IC
Collector Current
30
A
ICM
Collector Current Peak
tp = 10 ms
45
A
IB
Base Current
8
A
IBM
Base Current Peak
12
A
Pt
Total Power Dissipation
@ TC = 25°
150
Watts
TJ
Junction Temperature
175
°C
TStg
Storage Temperature
-65 to +175
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJC
Thermal Resistance, Junction to Case
1
°C/W
H
HIIG
GH
H C
CU
UR
RR
RE
EN
NT
T S
SW
WIIT
TC
CH
HIIN
NG
G T
TR
RA
AN
NS
SIIS
ST
TO
OR
R


Similar Part No. - BUW48

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUW48 STMICROELECTRONICS-BUW48 Datasheet
62Kb / 4P
HIGH POWER NPN SILICON TRANSISTORS
Jul-1997
BUW48 STMICROELECTRONICS-BUW48 Datasheet
44Kb / 4P
HIGH POWER NPN SILICON TRANSISTORS
Oct-2003
logo
Savantic, Inc.
BUW48 SAVANTIC-BUW48 Datasheet
138Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BUW48 ISC-BUW48 Datasheet
134Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BUW48 NJSEMI-BUW48 Datasheet
104Kb / 3P
HIGH POWER NPN SILICON TRANSISTORS
More results

Similar Description - BUW48

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1244 TOSHIBA-2SA1244 Datasheet
195Kb / 4P
TRANSISTOR (HIGH CURRENT SWITCHING APPLICATIONS)
16-Jun-1999
2SA1293 TOSHIBA-2SA1293 Datasheet
210Kb / 3P
TRANSISTOR (HIGH CURRENT SWITCHING APPLICATIONS)
01-Sep-1997
2SA1451A TOSHIBA-2SA1451A Datasheet
218Kb / 4P
TRANSISTOR (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS)
20-Dec-1997
2SA1452A TOSHIBA-2SA1452A Datasheet
220Kb / 4P
TRANSISTOR (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS)
20-Dec-1997
2SA1771 TOSHIBA-2SA1771 Datasheet
213Kb / 3P
TRANSISTOR (HIGH CURRENT SWITCHING APPLICATIONS)
06-May-1997
2SA1887 TOSHIBA-2SA1887 Datasheet
82Kb / 1P
TRANSISTOR (HIGH CURRENT SWITCHING APPLICATIONS)
2SA1905 TOSHIBA-2SA1905 Datasheet
194Kb / 3P
TRANSISTOR (HIGH CURRENT SWITCHING APPLICATIONS)
03-Feb-1997
2SC3074 TOSHIBA-2SC3074 Datasheet
195Kb / 4P
TRANSISTOR (HIGH CURRENT SWITCHING APPLICATIONS)
16-Jun-1999
logo
KEC(Korea Electronics)
KTA1204D KEC-KTA1204D Datasheet
407Kb / 4P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT SWITCHING)
logo
NTE Electronics
NTE2668 NTE-NTE2668 Datasheet
53Kb / 2P
Silicon NPN Transistor High Current Switching
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com