Electronic Components Datasheet Search
  English  ▼

X  

BUW48 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BUW48
Description  HIGH CURRENT SWITCHING TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BUW48 Datasheet(HTML) 2 Page - Comset Semiconductor

  BUW48 Datasheet HTML 1Page - Comset Semiconductor BUW48 Datasheet HTML 2Page - Comset Semiconductor BUW48 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN BUW48
01/10/2012
COMSET SEMICONDUCTORS
2/3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Mx
Unit
VCEO(SUS)
Collector-Emitter Sustaining
Voltage (*)
IC= 200 mA, IB= 0 A
L= 25 mH
60
-
-
V
VEBO
Emitter-Base Voltage
IC= 0 A , IE= 50 mA
7
-
-
V
ICEX
Collector Cutoff Current
VCE= 60 V, VBE= -1.5 V
-
-
1
mA
VCE= 60 V, VBE= -1.5 V
Tcase = 125°C
-
-
3
IEBO
Emitter Cutoff Current
VEB= 5 V, IC= 0 A
-
-
1
mA
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC= 20 A, IB= 2 A
-
-
0.6
V
IC= 40 A, IB= 4 A
-
-
1.4
VBE(SAT)
Base-Emitter saturation
Voltage (*)
IC= 40 A, IB= 4 A
-
-
2.1
fT
Transition frenquency
VCE= 60 V, IC= 1 A
f= 15MHz
-
8
-
MHz
SWITCHING TIMES
Symbol
Ratings
Test Condition(s)
Min
Typ
Mx
Unit
ton
Turn-on time
IC= 40 A, IB1 = -IB2 = 4
A
VCC=60 V
-
1.2
1.5
µs
ts
Storage time
-
0.6
1.1
tf
File time
-
0.17
0.25
(*) Pulse Duration = 300
µs, Duty Cycle <= 1.5%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com