Electronic Components Datasheet Search
  English  ▼

X  

BUZ31 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BUZ31
Description  POWER MOS TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BUZ31 Datasheet(HTML) 1 Page - Comset Semiconductor

  BUZ31 Datasheet HTML 1Page - Comset Semiconductor BUZ31 Datasheet HTML 2Page - Comset Semiconductor BUZ31 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BUZ31
01/10/2012
COMSET SEMICONDUCTORS
1/3
SEMICONDUCTORS
POWER MOS TRANSISTORS
FEATURE
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VDS
Drain-Source Voltage
200
V
IDS
Continuous Drain Current TC= 37°C
14.5
A
IDM
Pulsed Drain Current TC= 25°C
58
IAR
Avalanche Current, Limited by Tjmax
14.5
EAR
Avalanche Energy, Periodic Limited by Tjmax
9
mJ
EAS
Avalanche Energy, Single pulse
ID = 14.5 A, VDD = 50 V, RGS = 25 Ω
L = 1.42 mH, Tj = 25°C
200
VGS
Gate-Source Voltage
20
V
RDS(on)
Drain-Source on Resistance
0.2
Ω
PT
Power Dissipation at Case Temperature TC= 25°C
95
W
tJ
Operating Temperature
-55 to +150
°C
tstg
Storage Temperature range
-55 to +150
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJC
Thermal Resistance, chip case
<1.32
K/W
RthJA
Thermal Resistance, chip to ambient
<75
• Nchannel
• Enhancement mode
• Avalanche-rated
• TO-220 envelope
• Compliance to RoHS.


Similar Part No. - BUZ31

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ31 SIEMENS-BUZ31 Datasheet
197Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Infineon Technologies A...
BUZ31 INFINEON-BUZ31 Datasheet
88Kb / 8P
SIPMOS Power Transistor
05.99
logo
New Jersey Semi-Conduct...
BUZ31 NJSEMI-BUZ31 Datasheet
104Kb / 4P
Enhancement mode
logo
Inchange Semiconductor ...
BUZ31 ISC-BUZ31 Datasheet
66Kb / 2P
High current capability
logo
Siemens Semiconductor G...
BUZ310 SIEMENS-BUZ310 Datasheet
240Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode)
More results

Similar Description - BUZ31

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM25N05 ETC-RFM25N05 Datasheet
235Kb / 4P
POWER MOS FIELD EFFECT TRANSISTORS
2SJ133 ETC-2SJ133 Datasheet
89Kb / 2P
MOS Field Effect Power Transistors
2SJ137 ETC-2SJ137 Datasheet
100Kb / 2P
MOS Field Effect Power Transistors
2SJ141 ETC-2SJ141 Datasheet
99Kb / 2P
MOS Field Effect Power Transistors
2SK1498 ETC-2SK1498 Datasheet
93Kb / 2P
MOS Field Effect Power Transistors
logo
Guangdong Kexin Industr...
2SJ325 KEXIN-2SJ325 Datasheet
53Kb / 2P
MOS Field Effect Power Transistors
logo
New Jersey Semi-Conduct...
2N6898 NJSEMI-2N6898 Datasheet
284Kb / 2P
POWER MOS FIELD-EFFECT TRANSISTORS
RFK35N10 NJSEMI-RFK35N10 Datasheet
82Kb / 2P
Power MOS Field-Effect Transistors
logo
Renesas Technology Corp
2SK2136 RENESAS-2SK2136 Datasheet
564Kb / 10P
MOS FIELD EFFECT POWER TRANSISTORS
1993
UPA1702 RENESAS-UPA1702 Datasheet
226Kb / 10P
MOS FIELD EFFECT POWER TRANSISTORS
1996
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com