Electronic Components Datasheet Search
  English  ▼

X  

BUZ31 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BUZ31
Description  POWER MOS TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BUZ31 Datasheet(HTML) 2 Page - Comset Semiconductor

  BUZ31 Datasheet HTML 1Page - Comset Semiconductor BUZ31 Datasheet HTML 2Page - Comset Semiconductor BUZ31 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BUZ31
01/10/2012
COMSET SEMICONDUCTORS
2/3
SEMICONDUCTORS
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VDSS
Drain-Source Breakdown
Voltage
ID= 250 µA, VGS= 0 V
200
-
-
V
VGS(th)
Gate-threshold Voltage
ID=1 mA, VGS= VDS
2.1
3
4
V
IDSS
Zero Gate Voltage Drain
Current
VDS= 200 V, VGS= 0 V
Tj= 25 °C
-
0.1
1
µA
VDS= 200 V, VGS= 0 V
Tj= 125 °C
-
1
100
IGSS
Gate-Source leakage Current
VGS= 20 V, VDS= 0 V
-
10
100
nA
RDS(on)
Drain-Source on Resistance
ID= 9 A, VGS= 10 V
-
0.16
0.2
Ω
DYNAMIC CHARACTERISTICS
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
gfs
Transconductance
VDS >2 * ID * RDS(on)max
ID= 9 A
3
4.2
-
S
CISS
Input Capacitance
VGS= 0 V, VDS= 25 V
f= 1MHz
-
840
1120
pF
COSS
Output Capacitance
-
180
270
CRSS
Reverse transfer Capacitance
-
95
150
td(on)
Turn-on Delay Time
VDD= 30 V, VGS= 10 V
ID= 3 A, RGS= 50 Ω
-
12
20
ns
tr
Rise time
-
50
75
td(off)
Turn-off Delay Time
-
150
200
tf
Fall Time
-
60
80
REVERSE DIODE
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
IS
Inverse Diode Continuous
Forward Current.
TC = 25°C
-
-
14.5
A
ISM
Inverse diode direct current,
pulsed.
TC = 25°C
-
-
58
VSD
Inverse Diode Forward voltage
VGS = 0 V, IF = 29 A
-
1.1
1.6
V
Trr
Reverse Recovery Time
VR = 100 V, IF = IS
diF/dt = 100 A/µs
-
170
-
ns
Qrr
Reverse Recovery Charge
-
1.1
-
µC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com