Electronic Components Datasheet Search
  English  ▼

X  

DBM25SNM Datasheet(PDF) 255 Page - ITT Industries

Part # DBM25SNM
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBM25SNM Datasheet(HTML) 255 Page - ITT Industries

Back Button DBM25SNM Datasheet HTML 251Page - ITT Industries DBM25SNM Datasheet HTML 252Page - ITT Industries DBM25SNM Datasheet HTML 253Page - ITT Industries DBM25SNM Datasheet HTML 254Page - ITT Industries DBM25SNM Datasheet HTML 255Page - ITT Industries DBM25SNM Datasheet HTML 256Page - ITT Industries DBM25SNM Datasheet HTML 257Page - ITT Industries DBM25SNM Datasheet HTML 258Page - ITT Industries DBM25SNM Datasheet HTML 259Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
PCB Hole Pattern — Standard/European
High Power/Voltage Straight — Plug
5,49
(.216)
8,23 (.324)
Mounting
Hole
Signal
Contact
25,00 (.984)
2,84 (.112)
High Voltage
High Power/
Contact
5,49
(.216)
33,32 (1.312)
6,86
(.270)
Mounting
Hole
High Voltage
Contact
High Power/
6,86
(.270)
33,32 (1.312)
5,49
(.216)
6,86
(.270)
Mounting
Hole
Signal
Contact
2,74 (.108)
2,84 (.112)
6,86
(.270)
High Voltage
Contact
High Power/
5,49
(.216)
5,49
(.216)
33,32 (1.312)
8,23 (.324) 8,23 (.324)
8,23 (.324)
6,86 (.270)
9,60 (.378)
6,86 (.270)
9,60 (.378)
Mounting
Hole
Signal
Contact
2,84
(.112)
High Voltage
Contact
High Power/
14,48 (.570)
Mounting
Hole
14,48 (.570)
7,67 (.302)
5,94 (.234)
0,86
(.034)
47,04 (1.852)
High Voltage
Contact
High Power/
5,54(.218)
7,77 (.306)
14,48 (.570)
8,28 (.326)
6,91 (.272)
9,68 (.381)
Mounting
Hole
Signal
Contact
2,84 (.112)
4,14 (.163)
14,48 (.570)
47,04 (1.852)
High Voltage
Contact
High Power/
5,54(.218)
7,77 (.306)
14,48 (.570)
8,28 (.326)
5,54(.218)
6,91 (.272)
9,68 (.381)
Mounting
Hole
Signal
Contact
2,80 (.110)
2,84 (.112)
4,14 (.163)
14,48 (.570)
47,04 (1.852)
High Voltage
Contact
High Power/
5,54(.218) 5,54(.218)
13,82 (.544)
8,28 (.326)
13,82 (.544)
8,28 (.326)
5,54(.218)
8,28 (.326)
6,91 (.272)
9,68 (.381)
6,91 (.272)
9,68 (.381)
Mounting Hole
Signal
Contact
2,80 (.110)
2,84 (.112)
47,04 (1.852)
High Voltage
Contact
High Power/
5,54(.218) 5,54(.218)
16,56 (.652)
13,82 (.544)
11,05 (.435)
8,28 (.326)
16,56 (.652)
13,82 (.544)
11,05 (.435)
8,28 (.326)
8,28 (.326)
12,42 (.489)
15,19 (.598)
6,91 (.272)
9,68 (.381)
12,42 (.489)
15,19 (.598)
6,91 (.272)
9,68 (.381)
Mounting Hole
Signal
Contact
2,84 (.112)
47,04 (1.852)
High Voltage
Contact
High Power/
E
5W1
4 #20
1#8
A
3W3
0 #20
3 #8
A
7W2
5 #20
2 #8
A
11W1
10 #20
1#8
B
5W5
0 #20
5 #8
B
9W4
5 #20
4 #8
B
13W3
10 #20
3 #8
B
17W2
15 #20
2 #8
B
21W1
20 #20
1#8
Shell Size
Contact Arrangement
No. of Size 20 Cavities
No. of Size 8 Cavities
Shell Size
Contact Arrangement
No. of Size 20 Cavities
No. of Size 8 Cavities
Shell Size
Contact Arrangement
No. of Size 20 Cavities
No. of Size 8 Cavities
Signal Contact
X
Recommended PCB Hole
X
0,60 (.024)
1,00 (.039)
0,76 (.030)
1,14 (.045)
Mounting Type
Recommended PCB Hole
X
Without Boardlock
3,05 (.120)
With Boardlock
3,10 (.122)
Size 8 Contact Type
Recommended PCB Hole
X
High Power (H)
3,56 (.140)
High Voltage (V)
1,96 (.077)
Shell Size
Contact Arrangement
No. of Size 20 Cavities
No. of Size 8 Cavities
254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com