Electronic Components Datasheet Search
  English  ▼

X  

DBM25SNM Datasheet(PDF) 258 Page - ITT Industries

Part # DBM25SNM
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBM25SNM Datasheet(HTML) 258 Page - ITT Industries

Back Button DBM25SNM Datasheet HTML 254Page - ITT Industries DBM25SNM Datasheet HTML 255Page - ITT Industries DBM25SNM Datasheet HTML 256Page - ITT Industries DBM25SNM Datasheet HTML 257Page - ITT Industries DBM25SNM Datasheet HTML 258Page - ITT Industries DBM25SNM Datasheet HTML 259Page - ITT Industries DBM25SNM Datasheet HTML 260Page - ITT Industries DBM25SNM Datasheet HTML 261Page - ITT Industries DBM25SNM Datasheet HTML 262Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
PCB Hole Pattern — Standard/European
High Power/Voltage Straight — Receptacle
5,49
(.216)
8,23 (.324)
Mounting
Hole
Signal
Contact
25,00 (.984)
2,84 (.112)
High Voltage
High Power/
Contact
5,49
(.216)
33,32 (1.312)
6,86
(.270)
Mounting
Hole
High Voltage
Contact
High Power/
6,86
(.270)
33,32 (1.312)
5,49
(.216)
6,86
(.270)
Mounting
Hole
Signal
Contact
2,74 (.108)
2,84 (.112)
6,86
(.270)
High Voltage
Contact
High Power/
5,49
(.216)
5,49
(.216)
33,32 (1.312)
8,23 (.324) 8,23 (.324)
8,23 (.324)
6,86 (.270)
9,60 (.378)
6,86 (.270)
9,60 (.378)
Mounting
Hole
Signal
Contact
2,84
(.112)
High Voltage
Contact
High Power/
5,54(.218) 5,54(.218)
13,82 (.544)
8,28 (.326)
13,82 (.544)
8,28 (.326)
5,54(.218)
8,28 (.326)
6,91 (.272)
9,68 (.381)
6,91 (.272)
9,68 (.381)
Mounting Hole
Signal
Contact
2,80 (.110)
2,84 (.112)
47,04 (1.852)
High Voltage
Contact
High Power/
5,54(.218) 5,54(.218)
16,56 (.652)
13,82 (.544)
11,05 (.435)
8,28 (.326)
16,56 (.652)
13,82 (.544)
11,05 (.435)
8,28 (.326)
8,28 (.326)
12,42 (.489)
15,19 (.598)
6,91 (.272)
9,68 (.381)
12,42 (.489)
15,19 (.598)
6,91 (.272)
9,68 (.381)
Mounting Hole
Signal
Contact
2,84 (.112)
47,04 (1.852)
High Voltage
Contact
High Power/
E
5W1
4 #20
1#8
A
3W3
0 #20
3 #8
A
7W2
5 #20
2 #8
A
11W1
10 #20
1#8
B
5W5
0 #20
5 #8
B
9W4
5 #20
4 #8
B
13W3
10 #20
3 #8
B
17W2
15 #20
2 #8
B
21W1
20 #20
1#8
14,48 (.570)
Mounting
Hole
14,48 (.570)
7,67 (.302)
5,94 (.234)
0,86
(.034)
47,04 (1.852)
High Voltage
Contact
High Power/
Shell Size
Contact Arrangement
No. of Size 20 Cavities
No. of Size 8 Cavities
Shell Size
Contact Arrangement
No. of Size 20 Cavities
No. of Size 8 Cavities
Shell Size
Contact Arrangement
No. of Size 20 Cavities
No. of Size 8 Cavities
Shell Size
Contact Arrangement
No. of Size 20 Cavities
No. of Size 8 Cavities
Signal Contact
X
Recommended PCB Hole
X
0,60 (.024)
1,00 (.039)
0,76 (.030)
1,14 (.045)
Mounting Type
Recommended PCB Hole
X
Without Boardlock
3,05 (.120)
With Boardlock
3,10 (.122)
Size 8 Contact Type
Recommended PCB Hole
X
High Power (H)
3,56 (.140)
High Voltage (V)
1,96 (.077)
5,54(.218)
7,77 (.306)
14,48 (.570)
8,28 (.326)
5,54(.218)
6,91 (.272)
9,68 (.381)
Mounting
Hole
Signal
Contact
2,80 (.110)
2,84
(.112)
4,14 (.163)
14,48 (.570)
47,04 (1.852)
High Voltage
Contact
High Power/
5,54(.218)
7,77 (.306)
14,48 (.570)
8,28 (.326)
6,91 (.272)
9,68 (.381)
Mounting
Hole
Signal
Contact
2,84 (.112)
4,14 (.163)
14,48 (.570)
47,04 (1.852)
High Voltage
Contact
High Power/
257



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com