Electronic Components Datasheet Search
  English  ▼

X  

W78LE51 Datasheet(PDF) 13 Page - Winbond

Part # W78LE51
Description  8-BIT MTP MICROCONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78LE51 Datasheet(HTML) 13 Page - Winbond

Back Button W78LE51 Datasheet HTML 9Page - Winbond W78LE51 Datasheet HTML 10Page - Winbond W78LE51 Datasheet HTML 11Page - Winbond W78LE51 Datasheet HTML 12Page - Winbond W78LE51 Datasheet HTML 13Page - Winbond W78LE51 Datasheet HTML 14Page - Winbond W78LE51 Datasheet HTML 15Page - Winbond W78LE51 Datasheet HTML 16Page - Winbond W78LE51 Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Preliminary W78LE51
Publication Release Date: December 1998
- 13 -
Revision A1
DC Characteristics, continued
PARAMETER
SYM.
SPECIFICATION
UNIT
TEST CONDITIONS
MIN.
MAX.
Sink Current
ISK2
8
16
mA
VDD = 4.5V, Vin = 0.45V
P0, ALE, PSEN
4.5
9
mA
VDD = 2.4V, Vin = 0.45V
Output High Voltage
VOH1
2.4
-
V
VDD = 4.5V, IOH = -100
µA
P1, P2, P3, P4
1.4
-
V
VDD = 2.4V, IOH = -8
µA
Output High Voltage
VOH2
2.4
-
V
VDD = 4.5V, IOH = -400
µA
P0, ALE, PSEN [*2]
1.4
-
V
VDD = 2.4V, IOH = -200
µA
Source Current
ISR1
-100
-250
µA
VDD = 4.5V, Vin = 2.4V
P1, P2, P3, P4
-20
-50
µA
VDD = 2.4V, Vin = 1.4V
Source Current
ISR2
-8
-14
mA
VDD = 4.5V, Vin = 2.4V
P0, ALE, PSEN
-1.9
-3.8
mA
VDD = 2.4V, Vin = 1.4V
Notes:
*1. RST pin is a Schmitt trigger input.
*2. P0, ALE and /PSEN are tested in the external access mode.
*3. XTAL1 is a CMOS input.
*4. Pins of P1, P2, P3, P4 can source a transition current when they are being externally driven from 1 to 0.
AC CHARACTERISTICS
The AC specifications are a function of the particular process used to manufacture the part, the
ratings of the I/O buffers, the capacitive load, and the internal routing capacitance. Most of the
specifications can be expressed in terms of multiple input clock periods (TCP), and actual parts will
usually experience less than a
±20 nS variation. The numbers below represent the performance
expected from a 0.6micron CMOS process when using 2 and 4 mA output buffers.
Clock Input Waveform
T
T
XTAL1
F
CH
CL
OP,
TCP
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
NOTES
Operating Speed
FOP
0
-
24
MHz
1
Clock Period
TCP
25
-
-
nS
2
Clock High
TCH
10
-
-
nS
3
Clock Low
TCL
10
-
-
nS
3
Notes:
1. The clock may be stopped indefinitely in either state.
2. The TCP specification is used as a reference in other specifications.
3. There are no duty cycle requirements on the XTAL1 input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com