Electronic Components Datasheet Search
  English  ▼

X  

STD Datasheet(PDF) 5 Page - Texas Instruments

Part # STD
Description  TPS84250EVM-001 2.5-A, Integrated Power Solution
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 5 Page - Texas Instruments

  STD Datasheet HTML 1Page - Texas Instruments STD Datasheet HTML 2Page - Texas Instruments STD Datasheet HTML 3Page - Texas Instruments STD Datasheet HTML 4Page - Texas Instruments STD Datasheet HTML 5Page - Texas Instruments STD Datasheet HTML 6Page - Texas Instruments STD Datasheet HTML 7Page - Texas Instruments STD Datasheet HTML 8Page - Texas Instruments STD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Scope Measurements: Vin = 12 V, Vout = 5 V, Iout = 1.0 A
Ch.3> PH Node
Scope Measurements: Vin = 12 V, Vout = 5 V, Iout = 300 mA
Ch.3> PH Node
www.ti.com
Operation Notes
5
Operation Notes
The UVLO threshold of the factory-stock EVM is approximately 6.5 V with a 0.5-V hysteresis. The input
voltage must be above the UVLO threshold before power conversion will begin. The UVLO threshold is set
by resistors R10 and R11. See the data sheet for information on setting the UVLO voltage.
Once the input voltage rises above the UVLO threshold, power conversion begins and the output voltage
ramps to its final value in approximately 10 ms. If desired, this soft-start interval can be increased by
adding capacitance at location C4 on the bottom side of the EVM. This location is not populated on the
factory-stock EVM.
The TPS84250 is a nonsynchronous buck regulator. This means that the power stage can only source
current and does not sink current. This also means at lighter loads, the waveform observed on the PH test
node exhibits considerable ringing as shown in Figure 2. This is normal behavior. At heavier loads, the PH
waveform becomes rectangular, as shown in Figure 3. When attempting to measure switching frequency,
it is recommended that a load of 1 A or greater be applied to ensure that an accurate reading is obtained.
The TPS84250 is not designed to endure a sustained short circuit on its output. It can survive momentary
shorts (< 5 seconds), but sustained short circuits may cause permanent damage to the device.
Figure 2. PH Node at 300-mA Load
Figure 3. PH Node at 1-A Load
5
SLVU460A – November 2011 – Revised July 2012
TPS84250EVM-001 2.5-A, Integrated Power Solution Evaluation Module
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com