Electronic Components Datasheet Search
  English  ▼

X  

STD Datasheet(PDF) 10 Page - Texas Instruments

Part # STD
Description  TPS84250EVM-001 2.5-A, Integrated Power Solution
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 10 Page - Texas Instruments

Back Button STD Datasheet HTML 6Page - Texas Instruments STD Datasheet HTML 7Page - Texas Instruments STD Datasheet HTML 8Page - Texas Instruments STD Datasheet HTML 9Page - Texas Instruments STD Datasheet HTML 10Page - Texas Instruments STD Datasheet HTML 11Page - Texas Instruments STD Datasheet HTML 12Page - Texas Instruments STD Datasheet HTML 13Page - Texas Instruments STD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
List of Materials
www.ti.com
Table 2. EVM List of Material
(1) (2) (3) (4) (continued)
COUNT
REF DES
DESCRIPTION
PART NUMBER
MFR
2
TB1-2
Terminal block, 2 pin, 15 A, 5.1 mm, 0.40 inch x 0.35 inch
ED120/2DS
OST
0
TB3-4
Header, male 2 pin, 100-mil spacing, 0.100 inch x 2 inch
PEC02SAAN
Sullins
7
TP1-2 TP7-8
Test point, white, thru hole, 5012, 0.125 inch x 0.125 inch
5012
Keystone
TP10-11 TP13
6
TP3-6 TP9
Test point, black, thru hole, 5011, 0.125 inch x 0.125 inch
5011
Keystone
TP14
1
U1
7 V to 50 V Input, 2.5-A Non-synchronous Buck, QFN
TPS84250RKG
TI
1
PCB
PCB, FR4, 0.062 inch, 1 oz copper all layers, 4.0 inch x 2.0
PWR087
TI
inch
2
Shunt
(5)
Connector, jumper, shorting, gold flash, 2 (1 x 2) x 100 mil
SPC02SYAN
Sullins
4
Standoff
Bumpon hemisphere 0.44 inch x 0.20 inch clear, 0.440 inch x
SJ-5303
3M
0.200 inch
1
--
Label, 1.25 inch x 0.25 inch
THT-13-457-10
Brady
(5)
Place in position over pins 1 and 2 on both J1 and J2
Table 3. Label Text
ASSEMBLY NUMBER
TEXT
PWR087-001
TPS84250EVM-001
10
TPS84250EVM-001 2.5-A, Integrated Power Solution Evaluation Module
SLVU460A – November 2011 – Revised July 2012
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com