Electronic Components Datasheet Search
  English  ▼

X  

2SC3647 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC3647
Description  High-Voltage Switching Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC3647 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC3647 Datasheet HTML 1Page - Sanyo Semicon Device 2SC3647 Datasheet HTML 2Page - Sanyo Semicon Device 2SC3647 Datasheet HTML 3Page - Sanyo Semicon Device 2SC3647 Datasheet HTML 4Page - Sanyo Semicon Device 2SC3647 Datasheet HTML 5Page - Sanyo Semicon Device 2SC3647 Datasheet HTML 6Page - Sanyo Semicon Device 2SC3647 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SA1417 / 2SC3647
No.2006-3/7
IC -- VCE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
ITR03542
0--2
--1
--4
--3
--5
2
14
35
0
0
--0.4
--0.8
--1.2
--1.6
--2.0
0.4
0.8
1.2
1.6
2.0
0
ITR03543
--20mA
--30mA
--10mA
--5mA
--3mA
--2mA
--1mA
IB=0mA
2SA1417
2SC3647
IB=0mA
20mA
30mA
50mA
40mA
10mA
5mA
3mA
2mA
1mA
--40mA
ITR03549
ITR03548
ITR03546
--5 --7
--7
--3
--2
--0.01
--0.1
--5 --7
--3
--2
--3
--2
--1.0
--0.8
--0.4
0
--1.2
--1.6
--2.4
--2.0
0.8
0.4
0
1.2
1.6
2.4
2.0
100
1000
5
7
3
2
5
7
3
100
1000
5
7
3
2
5
7
3
57
73
2
0.01
0.1
57
3
23
2
1.0
--0.6
--0.8
0
--0.4
--0.2
--1.0
--1.2
0.6
0.8
0
0.4
0.2
1.0
1.2
ITR03547
2SA1417
VCE= --5V
2SC3647
VCE=5V
2SA1417
VCE= --5V
2SC3647
VCE=5V
--25
°C
25
°C
Ta=75
°C
--25°C
25
°C
Ta=75°C
0
--0.2
--0.6
--0.4
--0.8
--1.0
0.2
0.6
0.4
0.8
1.0
0
10
20
30
40
50
0
ITR03545
ITR03544
--40
--30
--50
--10
--20
0
2SC3647
IB=0mA
2SA1417
--6mA
--5mA
--4mA
--3mA
--2mA
--1mA
IB=0mA
0.5mA
2.5mA
3.0mA
3.5mA
4.0mA
2.0mA
1.5mA
1.0mA
hFE -- IC
hFE -- IC
IC -- VBE
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- A
Collector Current, IC -- A
IC -- VCE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
4.5mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com