Electronic Components Datasheet Search
  English  ▼

X  

2SC5231A Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC5231A
Description  VHF to UHF Wide-Band Low-Noise Amplifier Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5231A Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5231A Datasheet HTML 1Page - Sanyo Semicon Device 2SC5231A Datasheet HTML 2Page - Sanyo Semicon Device 2SC5231A Datasheet HTML 3Page - Sanyo Semicon Device 2SC5231A Datasheet HTML 4Page - Sanyo Semicon Device 2SC5231A Datasheet HTML 5Page - Sanyo Semicon Device 2SC5231A Datasheet HTML 6Page - Sanyo Semicon Device 2SC5231A Datasheet HTML 7Page - Sanyo Semicon Device 2SC5231A Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2SC5231A
No. A1077-1/8
Features
•
Low-noise
: NF=1.0dB typ (f=1GHz)
•
High gain
:
⏐S21e⏐2=12dB typ (f=1GHz)
•
High cut-off frequency : fT=7GHz typ
•
Ultrasmall-sized package permitting applied sets to be made small and slim
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
20
V
Collector-to-Emitter Voltage
VCEO
10
V
Emitter-to-Base Voltage
VEBO
2V
Collector Current
IC
70
mA
Collector Dissipation
PC
100
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7027A-002
Ordering number : ENA1077A
82212 TKIM/51408AB TIIM TC-00001355
SANYO Semiconductors
DATA SHEET
2SC5231A
NPN Epitaxial Planar Silicon Transistor
VHF to UHF Wide-Band Low-Noise
Amplifier Applications
http://www.sanyosemi.com/en/network/
3
2
1
Product & Package Information
• Package
: SMCP
• JEITA, JEDEC
: SC-75, SOT-416
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
1 : Base
2 : Emitter
3 : Collector
SANYO : SMCP
1.6
0.3
0.1
0.2
0.5 0.5
12
3
2SC5231A-8-TL-E
2SC5231A-9-TL-E
TL
C


Similar Part No. - 2SC5231A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5231A SANYO-2SC5231A Datasheet
70Kb / 6P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
logo
ON Semiconductor
2SC5231A ONSEMI-2SC5231A Datasheet
526Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
August, 2013
2SC5231A-8-TL-E ONSEMI-2SC5231A-8-TL-E Datasheet
526Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
August, 2013
2SC5231A-9-TL-E ONSEMI-2SC5231A-9-TL-E Datasheet
526Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
August, 2013
More results

Similar Description - 2SC5231A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5489 SANYO-2SC5489 Datasheet
31Kb / 3P
VHF to UHF Low-Noise Wide-Band Amplifier Applications
2SC5503 SANYO-2SC5503 Datasheet
45Kb / 6P
VHF to UHF Low-Noise Wide-Band Amplifier Applications
2SC5539 SANYO-2SC5539 Datasheet
44Kb / 5P
VHF to UHF Low-Noise Wide-Band Amplifier Applications
EC3H02B SANYO-EC3H02B Datasheet
41Kb / 5P
VHF to UHF Low-Noise Wide-Band Amplifier Applications
EC3H02C SANYO-EC3H02C Datasheet
26Kb / 5P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5488A SANYO-2SC5488A Datasheet
51Kb / 4P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5501A SANYO-2SC5501A Datasheet
55Kb / 5P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5226A SANYO-2SC5226A Datasheet
70Kb / 6P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5227A SANYO-2SC5227A_12 Datasheet
454Kb / 8P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5501A SANYO-2SC5501A_12 Datasheet
470Kb / 8P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com