Electronic Components Datasheet Search
  English  ▼

X  

2SC5231A Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5231A
Description  VHF to UHF Wide-Band Low-Noise Amplifier Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5231A Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5231A Datasheet HTML 1Page - Sanyo Semicon Device 2SC5231A Datasheet HTML 2Page - Sanyo Semicon Device 2SC5231A Datasheet HTML 3Page - Sanyo Semicon Device 2SC5231A Datasheet HTML 4Page - Sanyo Semicon Device 2SC5231A Datasheet HTML 5Page - Sanyo Semicon Device 2SC5231A Datasheet HTML 6Page - Sanyo Semicon Device 2SC5231A Datasheet HTML 7Page - Sanyo Semicon Device 2SC5231A Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SC5231A
No. A1077-2/8
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=10V, IE=0A
1.0
μA
Emitter Cutoff Current
IEBO
VEB=1V, IC=0A
10
μA
DC Current Gain
hFE
VCE=5V, IC=20mA
60*
270*
Gain-Bandwidth Product
fT
VCE=5V, IC=20mA
5
7
GHz
Output Capacitance
Cob
VCB=10V, f=1MHz
0.7
1.2
pF
Reverse Transfer Capacitance
Cre
0.45
pF
Forward Transfer Gain
⏐S21e⏐
21VCE=5V, IC=20mA, f=1GHz
9
12
dB
⏐S21e⏐
22VCE=2V, IC=3mA, f=1GHz
8.5
dB
Noise Figure
NF
VCE=5V, IC=7mA, f=1GHz
1.0
1.8
dB
* : The 2SC5231A is classified by 20mA hFE as follows :
Rank
7
8
9
hFE
60 to 120
90 to 180
135 to 270
Ordering Information
Device
Package
Shipping
memo
2SC5231A-8-TL-E
SMCP
3,000pcs./reel
Pb Free
2SC5231A-9-TL-E
SMCP
3,000pcs./reel
hFE -- IC
Collector Current, IC -- mA
Cre -- VCB
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- mA
fT -- IC
Cob -- VCB
Collector-to-Base Voltage, VCB -- V ITR07965
f=1MHz
ITR07966
f=1MHz
35
3
2
1.0
7
35
2
0.1
7
72
10
35
3
2
1.0
7
35
2
0.1
7
72
10
1.0
0.1
2
3
5
7
5
7
2
3
1.0
0.1
2
3
5
7
5
7
2
3
ITR07964
23
3
57
7
10
1.0
7 100
5
22
7
10
1.0
5
7
5
2
3
2
VCE=5V
ITR07968
100
10
3
5
3
2
1.0
7
3
5
72
2
10
5
7
100
2
3
5
7
5
7
2
3
VCE=5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com