Electronic Components Datasheet Search
  English  ▼

X  

LV5686PVC Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LV5686PVC
Description  For Car Audio Systems Multi-Power Supply IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5686PVC Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LV5686PVC Datasheet HTML 3Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 4Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 5Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 6Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 7Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 8Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 9Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 10Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LV5686PVC
No.A2122-7/14
Application Circuit Example
+
14
12
10
8
6
4
2
15
13
11
9
7
5
3
1
EN
B.DET
CTRL1
CTRL2
EXT4
+
D2
C1
D1
VDD
EXT3
AMP
+
D4
C2
+
+
C3
C10
+
C11
+
C12
D3
ANT
LV5686PVC
C5
EXT2
EXT1
C4
+
VCC
C7
C6
+
AUDIO
C9
C8
+
ILM
C14
C13
Peripheral parts
Part name
Description
Recommended value
Note
C1, C2, C3, C10, C11, C12
output stabilization capacitor for high-side switches
greater than 2.2
μF
C4, C8, C13
output stabilization capacitor
greater than10
μF (*1)
C5, C9, C14
output stabilization capacitor
greater than0.22
μF (*1)
Ceramic capacitor
C6
Capacitor for bypass power supply
greater than 100
μF
C7
Capacitor for oscillation protector
greater than 0.22
μF
Make sure to implement close to
VCC and GND.
D1, D2, D3, D4
Internal device protector diode
SANYO SB1003M3
(*2)
Note: Circuit diagram and the values are only tentative and subject to change.
(*1) Make sure that total capacitance of regulator output is greater than 10
μF and meets the condition of ESR = 0.001 to 10Ω , in which voltage/temperature
dependence and unit differences are taken into consideration. Moreover, in case of electrolytic capacitor, high-frequency characteristics should be
sufficiently good.
(*2) These parts are necessary if output voltage of high-side switches gets lower than GND or higher than VCC. The same consideration is required on EXT1
through EXT4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com