Electronic Components Datasheet Search
  English  ▼

X  

LV5686PVC Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LV5686PVC
Description  For Car Audio Systems Multi-Power Supply IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5686PVC Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LV5686PVC Datasheet HTML 2Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 3Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 4Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 5Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 6Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 7Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 8Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 9Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LV5686PVC
No.A2122-6/14
CTRL terminal truth table
EN
EXT1
AUDIO
ILM
AMP
CTRL1
EXT2
EXT4
CTRL2
ANT
EXT3
L
OFF
OFF
OFF
OFF
L
OFF
OFF
L
OFF
OFF
M
ON
ON
ON
OFF
M
ON
OFF
M
ON
OFF
H
ON
ON
ON
ON
H
ON
ON
H
ON
ON
EN/CTRL1/CTRL2 voltage range and threshold
Package Dimensions
unit : mm (typ)
• Allowable power dissipation derating curve
3336
Pin assignment
14
12
10
8
6
4
2
15
13
11
9
7
5
3
1
LV5686PVC
1.1V
2.1V
2.5V
5.5V
0V
H
M
L
0.5V
2.35V(typ)
0.8V(typ)
SANYO : HZIP15
21.6
(20.0)
HEAT SPREADER
(11.0)
(R1.75)
3.0
0.7
2.54 2.54
1.27
(1.91)
115
0.4
0
7
2
1
1.3
4
3
5
5.3
6
8
--40
0
--20
140150
60
80
100
40
120
20
160
Pd max -- Ta
θja=96.15°C/W
θja=23.6°C/W
Aluminum heat sink (50×50×1.5mm3) when using
Ambient temperature, Ta --
°C
Independent IC
Aluminum heat sink mounting conditions
tightening torque : 39N•cm, using silicone grease



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com