Electronic Components Datasheet Search
  English  ▼

X  

ENA2104 Datasheet(PDF) 14 Page - Sanyo Semicon Device

Part # ENA2104
Description  Low power consumption and high efficiency Step-down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA2104 Datasheet(HTML) 14 Page - Sanyo Semicon Device

Back Button ENA2104 Datasheet HTML 8Page - Sanyo Semicon Device ENA2104 Datasheet HTML 9Page - Sanyo Semicon Device ENA2104 Datasheet HTML 10Page - Sanyo Semicon Device ENA2104 Datasheet HTML 11Page - Sanyo Semicon Device ENA2104 Datasheet HTML 12Page - Sanyo Semicon Device ENA2104 Datasheet HTML 13Page - Sanyo Semicon Device ENA2104 Datasheet HTML 14Page - Sanyo Semicon Device ENA2104 Datasheet HTML 15Page - Sanyo Semicon Device ENA2104 Datasheet HTML 16Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LV5980MC
No.A2104-14/16
IOUT = 2A
2µs/DIV
IOUT = 2A
2µs/DIV
VSW
5V/DIV
IL
1A/DIV
VOUT
20mV/DIV
IL
1A/DIV
Discontinious current mode
Output Voltage
Continious current mode
Output Voltage
Load Transient response
Over current protection
Soft start and shutdown
IOUT = 200mA
2µs/DIV
IOUT = 200mA
2µs/DIV
VSW
5V/DIV
IL
0.5A/DIV
VOUT
20mV/DIV
IL
0.5A/DIV
IOUT = 0.5
2.5A, Slew Rate = 100µA
500µs/DIV
IOUT = 2A
2ms/DIV
VOUT
0.2V/DIV
IOUT
2A/DIV
VOUT
2V/DIV
VSS/HICCUP
2V/DIV
VIN
20V/DIV
OUT - GND short
20ms/DIV
VSS/HICCUP
5V/DIV
VSW
20V/DIV
IOUT
5A/DIV
VOUT
5V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com