Electronic Components Datasheet Search
  English  ▼

X  

ENA2104 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # ENA2104
Description  Low power consumption and high efficiency Step-down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA2104 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  ENA2104 Datasheet HTML 1Page - Sanyo Semicon Device ENA2104 Datasheet HTML 2Page - Sanyo Semicon Device ENA2104 Datasheet HTML 3Page - Sanyo Semicon Device ENA2104 Datasheet HTML 4Page - Sanyo Semicon Device ENA2104 Datasheet HTML 5Page - Sanyo Semicon Device ENA2104 Datasheet HTML 6Page - Sanyo Semicon Device ENA2104 Datasheet HTML 7Page - Sanyo Semicon Device ENA2104 Datasheet HTML 8Page - Sanyo Semicon Device ENA2104 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LV5980MC
No.A2104-4/16
Pin Assignment
Pin Function Description
Pin No,
Pin Name
Function
1
PDR
Pch MOSFET gate drive Voltage.
The bypass capacitor is necessarily connected between this pin and VIN.
2
GND
Ground Pin. Ground pin voltage is reference voltage
3
SS/HICCUP
Capacitor connection pin for soft start and setting re-startup cycle in HICCUP mode.
About 1.8uA current charges the soft start capacitor.
4
COMP
Error Amplifier Output Pin.
The phase compensation network is connected between GND pin and COMP pin.
Thanks to current-mode control, comp pin voltage would tell you the output current amplitude. Comp pin is connected
internally to an Init.comparator which compares with 0.9V reference. If comp pin voltage is larger than
0.9V, IC operates in “continuous mode”. If comp pin voltage is smaller than 0.9V,
IC operates in “discontinuous mode (low consumption mode)”.
5
FB
Error amplifier reverse input pin.
ICs make its voltage keep 1.235V.
Output voltage is divided by external resistances and it across FB.
6
REF
Reference voltage.
7
VIN
Supply voltage pin.
It is observed by the UVLO function.
When its voltage becomes 3.7V or more, ICs startup in soft start.
8
SW
High-side Pch MOSFET drain Pin.
1
PDR
2
GND
3
SS/HICCUP
4
COMP
SW
8
VIN
7
REF
6
FB
5
LV5980MC
SOIC8
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com