Electronic Components Datasheet Search
  English  ▼

X  

LP5907 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP5907
Description  ULTRA LOW NOISE, 250-mA LINEAR REGULATOR FOR RF AND ANALOG CIRCUITS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP5907 Datasheet HTML 5Page - Texas Instruments LP5907 Datasheet HTML 6Page - Texas Instruments LP5907 Datasheet HTML 7Page - Texas Instruments LP5907 Datasheet HTML 8Page - Texas Instruments LP5907 Datasheet HTML 9Page - Texas Instruments LP5907 Datasheet HTML 10Page - Texas Instruments LP5907 Datasheet HTML 11Page - Texas Instruments LP5907 Datasheet HTML 12Page - Texas Instruments LP5907 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
20
100
1k
10k
100k
FREQUENCY (Hz)
-120
-100
-80
-60
-40
-20
0
20 mA
50 mA
100 mA
150 mA
200 mA
250 mA
SVA-30180507
1k
10k
100k
FREQUENCY (Hz)
-120
-100
-80
-60
-40
-20
0
100
20 mA
50 mA
100 mA
150 mA
200 mA
250 mA
SVA-30180508
LP5907
www.ti.com
SNVS798D – APRIL 2012 – REVISED NOVEMBER 2012
TYPICAL CHARACTERISTICS (continued)
Unless otherwise noted, these curves apply to the micro SMD package only, VOUT = 2.8 V, VIN = 3.7 V, EN = 1.2 V,
CIN = 1 µF, COUT = 1 µF, TA = 25°C.
PSRR Loads
PSRR Loads
Averaged 20 Hz to 100 kHz
Averaged 100 Hz to 100 kHz
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP5907



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com