Electronic Components Datasheet Search
  English  ▼

X  

LP5907 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP5907
Description  ULTRA LOW NOISE, 250-mA LINEAR REGULATOR FOR RF AND ANALOG CIRCUITS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP5907 Datasheet HTML 6Page - Texas Instruments LP5907 Datasheet HTML 7Page - Texas Instruments LP5907 Datasheet HTML 8Page - Texas Instruments LP5907 Datasheet HTML 9Page - Texas Instruments LP5907 Datasheet HTML 10Page - Texas Instruments LP5907 Datasheet HTML 11Page - Texas Instruments LP5907 Datasheet HTML 12Page - Texas Instruments LP5907 Datasheet HTML 13Page - Texas Instruments LP5907 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
P =
D
(T
- T )
JMAX
A
¾
q
JA
LP5907
SNVS798D – APRIL 2012 – REVISED NOVEMBER 2012
www.ti.com
APPLICATION INFORMATION
POWER DISSIPATION AND DEVICE OPERATION
The permissible power dissipation for any package is a measure of the capability of the device to pass heat from
the power source, the junctions of the IC, to the ultimate heat sink, the ambient environment. Thus the power
dissipation is dependent on the ambient temperature and the thermal resistance across the various interfaces
between the die and ambient air. As stated in Note (3) of the electrical characteristics, the allowable power
dissipation for the device in a given package can be calculated using the equation:
(1)
The actual power dissipation across the device can be represented by the following equation:
PD = (VIN - VOUT) x IOUT
(2)
This establishes the relationship between the power dissipation allowed due to thermal consideration, the voltage
drop across the device, and the continuous current capability of the device. These two equations should be used
to determine the optimum operating conditions for the device in the application.
EXTERNAL CAPACITORS
Like any low-dropout regulator, the LP5907 requires external capacitors for regulator stability. The LP5907 is
specifically designed for portable applications requiring minimum board space and smallest components. These
capacitors must be correctly selected for good performance.
INPUT CAPACITOR
An input capacitor is required for stability. The input capacitor should be at least equal to, or greater than, the
output capacitor for good load transient performance. At least a 1-µF capacitor has to be connected between the
LP5907 input pin and ground for stable operation over full load current range. Basically, it is ok to have more
output capacitance than input, as long as the input is at least 1-µF.
This capacitor must be located a distance of not more than 1cm from the input pin and returned to a clean
analog ground. Any good quality ceramic, tantalum, or film capacitor may be used at the input.
Important: To ensure stable operation it is essential that good PCB practices are employed to minimize ground
impedance and keep input inductance low. If these conditions cannot be met, or if long leads are to be used to
connect the battery or other power source to the LP5907, then it is recommended to increase the input capacitor
to at least 10 µF. Also, tantalum capacitors can suffer catastrophic failures due to surge current when connected
to a low-impedance source of power (like a battery or a very large capacitor). If a tantalum capacitor is used at
the input, it must be guaranteed by the manufacturer to have a surge current rating sufficient for the application.
There are no requirements for the ESR (Equivalent Series Resistance) on the input capacitor, but tolerance and
temperature coefficient must be considered when selecting the capacitor to ensure the capacitance will remain
1 µF ±30% over the entire operating temperature range.
OUTPUT CAPACITOR
The LP5907 is designed specifically to work with a very small ceramic output capacitor, typically 1 µF. A ceramic
capacitor (dielectric types X5R or X7R) in the 1 µF to 10 µF range, and with ESR between 5 m
Ω to 500 mΩ, is
suitable in the LP5907 application circuit. For this device the output capacitor should be connected between the
VOUT pin and a good ground connection.
It may also be possible to use tantalum or film capacitors at the device output, VOUT, but these are not as
attractive for reasons of size and cost (see CAPACITOR CHARACTERISTICS below).
The output capacitor must meet the requirement for the minimum value of capacitance and have an ESR value
that is within the range 5 m
Ω to 500 mΩ for stability.
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LP5907



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com