Electronic Components Datasheet Search
  English  ▼

X  

W91510DN Datasheet(PDF) 13 Page - Winbond

Part # W91510DN
Description  TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91510DN Datasheet(HTML) 13 Page - Winbond

Back Button W91510DN Datasheet HTML 9Page - Winbond W91510DN Datasheet HTML 10Page - Winbond W91510DN Datasheet HTML 11Page - Winbond W91510DN Datasheet HTML 12Page - Winbond W91510DN Datasheet HTML 13Page - Winbond W91510DN Datasheet HTML 14Page - Winbond W91510DN Datasheet HTML 15Page - Winbond W91510DN Datasheet HTML 16Page - Winbond W91510DN Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Preliminary W91510DN SERIES
Publication Release Date: May 1997
- 13 -
Revision A2
RTC DC CHARACTERISTICS
(VRTC = 1.5V, VSS = 0V, FOSC. = 32.768 KHz , TA = 25
° C, all outputs unloaded.)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VRTC
-
1.2
1.5
1.8
V
Supply Current
IRTC
No Load
-
2.0
4.0
µA
OSC. Starting Time
TOSC
-
-
-
3
S
OSC. Output Built-in Cap.
CO
Cl = 12.5 pF
-
25
-
pF
OSC. in Trimmer Cap.
CTRIM
-
5
-
35
pF
Frequency Stability
∆f/f
VDD
−VSS = 1.3 to 1.6V
-
-
1
ppM
Notes :
1. Crystal parameters suggested for proper operation are Rs < 100 ohms, Lm = 96 mH , Cm = 0.02 pF , Cn = 5 pF , Cl = 18 pF,
and Fosc. = 3.579545 MHz
±0.02%
2. Crystal oscillator accuracy directly affects these times.
TIMING WAVEFORMS
TIDP
HKS
KEY IN
DP
T/P MUTE
H/P MUTE
2
B
M
TIDP
TIDP
TKID
TIDP
TPDP
2
M B
TMD
4
TKRD
3
< 600 mS
< 300 mS
TKID
DTMF
OSC.
Low
OSCILLATION
OSCILLATION
TPDP
TKD
Figure 1(a). Normal Dialing Timing Diagram (Pulse Mode without Lock Function)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com