Electronic Components Datasheet Search
  English  ▼

X  

W91510DN Datasheet(PDF) 3 Page - Winbond

Part # W91510DN
Description  TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91510DN Datasheet(HTML) 3 Page - Winbond

  W91510DN Datasheet HTML 1Page - Winbond W91510DN Datasheet HTML 2Page - Winbond W91510DN Datasheet HTML 3Page - Winbond W91510DN Datasheet HTML 4Page - Winbond W91510DN Datasheet HTML 5Page - Winbond W91510DN Datasheet HTML 6Page - Winbond W91510DN Datasheet HTML 7Page - Winbond W91510DN Datasheet HTML 8Page - Winbond W91510DN Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Preliminary W91510DN SERIES
Publication Release Date: May 1997
- 3 -
Revision A2
PIN DESCRIPTION
SYMBOL
PIN NO.
I/O
FUNCTION
Row,
Column
Inputs
18
−21,
13
−17
I
The keyboard inputs may be used with either the standard 5
× 6
keyboard, an inexpensive single contact (form A) keyboard or
electronic input.
A valid key entry is defined by a single row being connected to
a single column.
XT1, XT1
22, 23
I, O
A built-in inverter provides oscillation with an inexpensive
3.579545 MHz crystal or ceramic resonater.
The oscillator ceases when a keypad input is not sensed after
chip enable and dialing finished. The crystal frequency
deviation is
±0.02%.
T/P MUTE
8
O
The T/P MUTE is a conventional CMOS N-channel open drain
output.
The output transistor is switched on low level during dialing
sequence (both pulse and tone mode), one-key redial break
and flash break. Otherwise, it is switched off.
H/P MUTE
9
( W91510DNF,
W91512DNF,
only )
O
The H/P MUTE is a conventional CMOS inverter output, During
pulse dialing, one-key redial break, flash break and hold
functions, this pin will output an active high.
It remains in a low state at all other times.
LOCK
9
(W91511DLNF,
W91513DLNF
only)
I
The LOCK pin is used to prevent "0" or "9" dialing under PABX
system long distance call control. When the first key input after
reset is "0" or "9", all the key inputs, including "0" or "9" key,
become invalid, and the chip generates no output.
The telephone is reinitialized by a reset.
The following table describes the functions of the LOCK pin:
LOCK PIN
Floating
VDD
SS
V
FUNCTION
Normal dialing
"0", "9" dialing inhibited
"0" dialing inhibited
HKS
24
I
Hook switch input.
HKS = VDD or floating: On-hook state. Chip in sleeping mode,
no operation.
HKS = VSS: Off-hook state. Chip enable for normal operation.
HKS pin is pulled to VDD by internal resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com