Electronic Components Datasheet Search
  English  ▼

X  

W91570DN Datasheet(PDF) 13 Page - Winbond

Part # W91570DN
Description  23-MEMORY TONE/PULSE DIALER WITH AUTOREDIAL REC AND LCD DISPLAY FUNCTIONS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91570DN Datasheet(HTML) 13 Page - Winbond

Back Button W91570DN Datasheet HTML 9Page - Winbond W91570DN Datasheet HTML 10Page - Winbond W91570DN Datasheet HTML 11Page - Winbond W91570DN Datasheet HTML 12Page - Winbond W91570DN Datasheet HTML 13Page - Winbond W91570DN Datasheet HTML 14Page - Winbond W91570DN Datasheet HTML 15Page - Winbond W91570DN Datasheet HTML 16Page - Winbond W91570DN Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
W91570DN SERIES
Publication Release Date: May 1997
- 13 -
Revision A2
Flash (F = F1, F2, F3)
OFF HOOK
(or
ON HOOK
&
HFI ¡õ
),
F
1. The dialer will execute a flash break time of 600 mS (F1), 300 mS (F2), or 100 mS (F3) and pause
time of 1S before the next digit (except flash key) is dialed out.
2. Flash keeps first priority in normal dialing but insert flash can be stored into memory when flash is
the first digit in memory. In this condition, only one flash key can be released to the user.
a. E, F1, D1, D2, D3, E, Mn then the digit stored in Mn will be F1, D1, D2, D3.
b. E, D1, F1, D2, D3, E, Mn then the digit stored in Mn will be D1, D2, D3.
c. F1, D1, D2, D3, E, Mn then the digit stored in Mn will be D1, D2, D3.
3. The system will return to the initial state after the flash pause time is finished.
4. Keyboard functions are inhibited when flash break is being executed.
5. The flash timing diagram is shown in Figure 8.
Mute
OFF HOOK
(or
ON HOOK
&
HFI ¡õ
),
MUTE
1. The MUTE is switched on and off by a toggle switch.
2. The function timing diagram is shown in Figure 9.
Hold Key
OFF HOOK
(or
ON HOOK
&
HFI ¡õ
),
HOLD1
(or
HOLD2
)
1. The hold function is toggled on and off by Hold1 or Hold2 key. When the hold function is toggled
on, the hold mark (icon 4) will be lit and all key-ins (except hold keys and icon keys) will be
ignored.
2. The following are examples of hold function toggled on and off:
a.
OFF HOOK
,
HOLD1
(or
HOLD2
),
HOLD1
(or
HOLD2
)
b.
OFF HOOK
,
HOLD1
(or
HOLD2
),
HFI ¡õ
c.
OFF HOOK
,
HOLD1
(or
HOLD2
),
ON HOOK
,
HFI ¡õ
d.
ON HOOK
&
HFI ¡õ
,
HOLD1
(or
HOLD2
),
HFI ¡õ
3. Hold1 and Hold2 have the same function in off-hook state. The difference between Hold1 and
Hold2
are shown as follows:
a. If
OFF HOOK
,
HOLD1
(or
HOLD2
),
ON HOOK
,
HOLD1
is entered, then the
dialer will be off-line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com