Electronic Components Datasheet Search
  English  ▼

X  

W91570DN Datasheet(PDF) 3 Page - Winbond

Part # W91570DN
Description  23-MEMORY TONE/PULSE DIALER WITH AUTOREDIAL REC AND LCD DISPLAY FUNCTIONS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91570DN Datasheet(HTML) 3 Page - Winbond

  W91570DN Datasheet HTML 1Page - Winbond W91570DN Datasheet HTML 2Page - Winbond W91570DN Datasheet HTML 3Page - Winbond W91570DN Datasheet HTML 4Page - Winbond W91570DN Datasheet HTML 5Page - Winbond W91570DN Datasheet HTML 6Page - Winbond W91570DN Datasheet HTML 7Page - Winbond W91570DN Datasheet HTML 8Page - Winbond W91570DN Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
W91570DN SERIES
Publication Release Date: May 1997
- 3 -
Revision A2
PIN DESCRIPTION
SYMBOL
PIN NO.
I/O
FUNCTION
Row,
Column
Inputs
29
−33
and
20
−28
I
The keyboard inputs may be used with either the standard 6
×10
keyboard, an inexpensive single contact (form A) keyboard or
electronic input.
A valid key entry is defined by a single row being connected to
a single column.
XT1, XT
34, 35
I,
O
A built-in inverter provides oscillation with an inexpensive
3.579545 MHz crystal or ceramic resonater.
The oscillator ceases when a keypad input is not sensed after
chip enable and dialing is finished. The crystal frequency
deviation is
±0.02%.
T/P MUTE
16
O
The T/P MUTE is a conventional CMOS N-channel open drain
output.
The output transistor is switched on low level during the dialing
sequence (both pulse and tone mode), one-key redial break,
auto redial break and flash break. Otherwise, it is switched off.
H/P MUTE
15
O
The H/P MUTE is a conventional CMOS inverter output. During
pulse dialing, one-key redial break, auto redial break, flash
break, hold, and mercury functions, this pin will output an active
high. It remains in a low state at all other times.
KMUTE
6
O
The KMUTE is a CMOS N-channel open drain output. The
output transistor is switched on only during mute function.
Otherwise, it is switched off.
HKS
36
I
Hook switch input.
HKS
= VDD or floating: On-hook state. Chip in sleeping mode,
no operation.
HKS
= VSS: Off-hook state. Chip enable for normal operation.
HKS
pin is pulled to VDD by internal resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com