Electronic Components Datasheet Search
  English  ▼

X  

W91580C Datasheet(PDF) 8 Page - Winbond

Part # W91580C
Description  24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND HOLD FUNCTIONS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91580C Datasheet(HTML) 8 Page - Winbond

Back Button W91580C Datasheet HTML 4Page - Winbond W91580C Datasheet HTML 5Page - Winbond W91580C Datasheet HTML 6Page - Winbond W91580C Datasheet HTML 7Page - Winbond W91580C Datasheet HTML 8Page - Winbond W91580C Datasheet HTML 9Page - Winbond W91580C Datasheet HTML 10Page - Winbond W91580C Datasheet HTML 11Page - Winbond W91580C Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
W91580 SERIES
- 8 -
OFF HOOK
(or
ON HOOK
&
HFI
),
D1
,
D2
,
R/P
,
D3
,
…, Dn
1. The pause function can be stored in memory.
2. The pause function is executed in normal dialing, redialing, or memory dialing.
3. The pause function timing diagram is shown in Figure 5.
Pulse-to-Tone (*/ T)
OFF HOOK
(or
ON HOOK
&
HFI
),
D1
,
D2
,
…, Dn ,
*/T
,
D1'
,
D2'
,
…,
Dn'
1. If the mode switch is set to pulse mode, then the output signal will be:
D1, D2, ..., Dn, Pause (3.6s) , D1', D2', ..., Dn'
(Pulse)
(Tone)
2. If the mode switch is set to tone mode, then the output signal will be:
D1, D2, ..., Dn, *
, D1', D2', ..., Dn'
(Tone)
(Tone) (Tone)
3. The dialer remains in tone mode when the digits have been dialed out and can be reset to pulse
mode only by going on-hook.
4. The P
→T function timing diagram is shown in Figure 6.
5. */ T key can be stored as a digit in memory
Flash (F = F1, F2, F3)
OFF HOOK
(or
ON HOOK
&
HFI
),
F
1. Flash key cannot be stored as a digit in memory, and it has first priority among keyboard functions.
2. The system will return to the initial state after the break time is finished.
3. The flash function timing diagram is shown in Figure 7.
Clear key
1.
CLR
,
R/P
(or
R
)
Redial and one-key redial buffer will be cleared.
2.
CLR
,
Mij
Location Mij buffer content will be cleared.
3.
CLR
,
i
,
j
Location Mij buffer content will be cleared.
4.
CLR
,
MEMO
,
M0j
Location M1j buffer content will be cleared.
Save



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com