Electronic Components Datasheet Search
  English  ▼

X  

W91580C Datasheet(PDF) 13 Page - Winbond

Part # W91580C
Description  24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND HOLD FUNCTIONS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91580C Datasheet(HTML) 13 Page - Winbond

Back Button W91580C Datasheet HTML 9Page - Winbond W91580C Datasheet HTML 10Page - Winbond W91580C Datasheet HTML 11Page - Winbond W91580C Datasheet HTML 12Page - Winbond W91580C Datasheet HTML 13Page - Winbond W91580C Datasheet HTML 14Page - Winbond W91580C Datasheet HTML 15Page - Winbond W91580C Datasheet HTML 16Page - Winbond W91580C Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
W91580 SERIES
Publication Release Date: Auguest 1995
- 13 -
Revision A3
PARAMETER
SYM.
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Keypad Active in Debounce
TKID
-
-
20
-
mS
Key Release Debounce
TKRD
-
-
20
-
mS
Pre-digit Pause1
TPDP1
MODE Pin = VDD
-
40
-
mS
10 ppS
MODE Pin = Floating
-
33.3
-
Pre-digit Pause2
TPDP2
MODE Pin = VDD
-
20
-
mS
20 ppS
MODE Pin = Floating
-
16.7
-
Interdigit Pause (Auto dialing)
TIDP
10 ppS
-
800
-
mS
20 ppS
-
500
-
Make/Break Ratio
M/B
MODE Pin = VDD
-
40:60
-
%
MODE Pin = Floating
-
33:67
-
Tone Output Duration
TTD
Auto Dialing
-
100
-
mS
Intertone Pause
TITP
Auto Dialing
-
100
-
mS
Flash Break Time
TFB
-
-
98
-
mS
-
305
-
-
600
-
Pause Time
TP
-
-
3.6
-
S
Key Tone Frequency
FKT
-
-
600
-
Hz
Key Tone Duration
TKTD
-
-
35
-
mS
One-key Redialing Pause Time
TRP
-
-
600
-
mS
One-key Redialing Break Time
TRB
-
-
2.2
-
S
Notes:
1. Crystal parameters suggested for proper operation are Rs < 100
Ω, Lm = 96 mH, Cm = 0.02 pF, Cn = 5 pF, Cl = 18 pF,
FOSC. = 3.579545 MHz
±0.02%.
2. Crystal oscillator accuracy directly affects these times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com