Electronic Components Datasheet Search
  English  ▼

X  

L6480HTR Datasheet(PDF) 52 Page - STMicroelectronics

Part # L6480HTR
Description  The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6480HTR Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L6480HTR Datasheet HTML 48Page - STMicroelectronics L6480HTR Datasheet HTML 49Page - STMicroelectronics L6480HTR Datasheet HTML 50Page - STMicroelectronics L6480HTR Datasheet HTML 51Page - STMicroelectronics L6480HTR Datasheet HTML 52Page - STMicroelectronics L6480HTR Datasheet HTML 53Page - STMicroelectronics L6480HTR Datasheet HTML 54Page - STMicroelectronics L6480HTR Datasheet HTML 55Page - STMicroelectronics L6480HTR Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
Programming manual
L6480
52/73
Doc ID 023278 Rev 3
The TCC parameter defines the duration of constant current phase during gate turn-on and
turn-off sequences (Section 6.15).
The TBOOST parameter defines the duration of the overboost phase during gate turn-off
(Section 6.15).
The WD_EN bit enables the clock source monitoring (Section 6.8.2).
11
0
64
11
1
96
Table 26.
TCC parameter
TCC [4..0]
Constant current time [ns]
0
000
0
125
0
000
1
250
⇓⇓⇓
⇓⇓
⇓
1
110
0
3625
1
110
1
3750
1
111
0
3750
1
111
1
3750
Table 27.
TBOOST parameter
TBOOST
[2..0]
Turn-off boost time
[ns]
00
0
0
00
1
62.5(1)/83.3(2)/125(3)
1.
Clock frequency equal to 16 MHz or 32 MHz.
2.
Clock frequency equal to 24 MHz.
3.
Clock frequency equal to 8 MHz.
01
0
125
01
1
250
10
0
375
10
1
500
11
0
750
11
1
1000
Table 25.
IGATE parameter (continued)
IGATE [2..0}
Gate current [mA}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com