Electronic Components Datasheet Search
  English  ▼

X  

L6480HTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6480HTR
Description  The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6480HTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6480HTR Datasheet HTML 15Page - STMicroelectronics L6480HTR Datasheet HTML 16Page - STMicroelectronics L6480HTR Datasheet HTML 17Page - STMicroelectronics L6480HTR Datasheet HTML 18Page - STMicroelectronics L6480HTR Datasheet HTML 19Page - STMicroelectronics L6480HTR Datasheet HTML 20Page - STMicroelectronics L6480HTR Datasheet HTML 21Page - STMicroelectronics L6480HTR Datasheet HTML 22Page - STMicroelectronics L6480HTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 73 page
background image
L6480
Functional description
Doc ID 023278 Rev 3
19/73
6
Functional description
6.1
Device power-up
During power-up, the device is under reset (all logic IOs disabled and power bridges in high
impedance state) until the following conditions are satisfied:
●
VCC is greater than VCCthOn
●
VBOOT - VS is greater than ΔVBOOTthOn
●
VREG is greater than VREGthOn
●
Internal oscillator is operative
●
STBY/RESET input is forced high.
After power-up, the device state is the following:
●
Parameters are set to default
●
Internal logic is driven by internal oscillator and a 2-MHz clock is provided by the
OSCOUT pin
●
Bridges are disabled (high impedance).
After power-up, a period of tlogicwu must pass before applying a command to allow proper
oscillator and logic startup.
Any movement command makes the device exit from High Z state (HardStop and SoftStop
included).
6.2
Logic I/O
Pins CS, CK, SDI, STCK, SW and STBY/RESET are TTL/CMOS 3.3 V-5 V compatible logic
inputs.
Pin SDO is a TTL/CMOS compatible logic output. VDD pin voltage imposes logical output
voltage range.
Pins FLAG and BUSY/SYNC are open drain outputs.
SW and CS inputs are internally pulled up to VDD and STBY/RESET input is internally
pulled down to ground.
6.3
Charge pump
To ensure the correct driving of the high-side integrated MOSFETs, a voltage higher than
the motor power supply voltage needs to be applied to the VBOOT pin. The high-side gate
driver supply voltage VBOOT is obtained through an oscillator and a few external
components realizing a charge pump (see Figure 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com