Electronic Components Datasheet Search
  English  ▼

X  

EMMA150100 Datasheet(PDF) 2 Page - CUI INC

Part # EMMA150100
Description  MEDICAL AC-DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

EMMA150100 Datasheet(HTML) 2 Page - CUI INC

  EMMA150100 Datasheet HTML 1Page - CUI INC EMMA150100 Datasheet HTML 2Page - CUI INC EMMA150100 Datasheet HTML 3Page - CUI INC EMMA150100 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cui.com
date
08/21/2012 │ page 2 of 4
CUI Inc
│ SERIES: EMMA 15W │ DESCRIPTION: MEDICAL AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
264
Vac
frequency
47
63
Hz
inrush current
at 240 V ac
50
A
no load power consumption
0.3
W
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation1
±1
%
load regulation2
5 V output
all other outputs
±4
±2
%
%
voltage accuracy
5 V output
all other outputs
±3
±2
%
%
hold-up time
at 115 Vac
10
ms
switching frequency
95
kHz
temperature coefficient
±0.05
%/°C
Note:
1. measured from 100 ~ 240 Vac, full load
2. measured from 60% to full load and from 60 ~ 20% load (60% ±40% load)
PROTECTIONS
parameter
conditions/description
over voltage protection
TVS component to clamp
short circuit protection
continuous, auto restart
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output
5,656
Vdc
safety approvals
IEC 60601-1, EN 60601-1, UL 60601-1, RCM
EMI/EMC
EN5 5011 Class B, FCC Part 15 Class B, EN 60601-1-2, EN 61000-3-(2,3)
leakage current
0.1
mA
MTBF
at 25°C, 115 Vac, per MIL-HDBK-217F
200,000
hours
RoHS compliant
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
050
°C
storage temperature
-20
85
°C
humidity
non-condensing
93
%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com