Electronic Components Datasheet Search
  English  ▼

X  

EMMA150100 Datasheet(PDF) 1 Page - CUI INC

Part # EMMA150100
Description  MEDICAL AC-DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

EMMA150100 Datasheet(HTML) 1 Page - CUI INC

  EMMA150100 Datasheet HTML 1Page - CUI INC EMMA150100 Datasheet HTML 2Page - CUI INC EMMA150100 Datasheet HTML 3Page - CUI INC EMMA150100 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
cui.com
date
08/21/2012
page
1 of 4
SERIES:
EMMA 15W │ DESCRIPTION: MEDICAL AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency
level
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
EMMA050200
5
2
10
50
V
EMMA120110
12
1.1
13.2
120
V
EMMA150100
15
1.0
15
150
V
EMMA240063
24
0.625
15
240
V
1. at full load, 100 ~ 240 Vac input, 20 MHz bandwidth oscilloscope, each output terminated with a 10 μF aluminum electrolytic and 0.1 μF ceramic capacitors.
FEATURES
• up to 15 W power
• interchangeable AC blades
• universal input (90~264 Vac)
• single regulated output from 5~24V
• over voltage and short circuit protections
• UL/cUL, GS, RCM safety approvals
• full medical safety approvals
• level V efficiency
RoHS
®
IEC
60601-1
EN
60601-1
PART NUMBER KEY
EMMA120110 X - XX - IC - CXX
DC Plug Type
Factory
Designation
Base Number
example of 12 Vdc, 1.1 A
Reserved for Custom
Configurations
Blades:
“blank” = North American, European, United Kingdom,
Australian
N = North American blade included
E = European blade included
B = United Kingdom blade included
A = Australian blade included
K = No blades included


Similar Part No. - EMMA150100

ManufacturerPart #DatasheetDescription
logo
CUI INC
EMMA150100 CUI-EMMA150100 Datasheet
516Kb / 4P
MEDICAL AC-DC POWER SUPPLY
EMMA150100 CUI-EMMA150100 Datasheet
395Kb / 4P
MEDICAL AC-DC POWER SUPPLY
EMMA150100 CUI-EMMA150100 Datasheet
397Kb / 4P
MEDICAL AC-DC POWER SUPPLY
06/20/2017
More results

Similar Description - EMMA150100

ManufacturerPart #DatasheetDescription
logo
CUI INC
EMMA_30W CUI-EMMA_30W Datasheet
229Kb / 4P
MEDICAL AC-DC POWER SUPPLY
logo
Wall Industries,Inc.
PSM200 WALL-PSM200 Datasheet
201Kb / 3P
AC/DC Medical Power Supply
PSMHBU31 WALL-PSMHBU31 Datasheet
127Kb / 2P
AC/DC Medical Power Supply
logo
CUI INC
EMMA050400 CUI-EMMA050400 Datasheet
519Kb / 4P
MEDICAL AC-DC POWER SUPPLY
ETMA120500UD CUI-ETMA120500UD Datasheet
463Kb / 4P
MEDICAL AC-DC POWER SUPPLY
ETMA1202083U CUI-ETMA1202083U Datasheet
218Kb / 5P
MEDICAL AC-DC POWER SUPPLY
VSKM-S10 CUI-VSKM-S10 Datasheet
309Kb / 4P
MEDICAL AC-DC POWER SUPPLY
ETMA200WU CUI-ETMA200WU Datasheet
553Kb / 5P
MEDICAL AC-DC POWER SUPPLY
07/23/2020
ETMA30W CUI-ETMA30W Datasheet
369Kb / 4P
MEDICAL AC-DC POWER SUPPLY
07/10/2015
EMMA-30W CUI-EMMA-30W_V01 Datasheet
364Kb / 4P
MEDICAL AC-DC POWER SUPPLY
06/20/2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com